Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE51 Datasheet(PDF) 1 Page - General Semiconductor

Part # P6KE51
Description  TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

P6KE51 Datasheet(HTML) 1 Page - General Semiconductor

  P6KE51 Datasheet HTML 1Page - General Semiconductor P6KE51 Datasheet HTML 2Page - General Semiconductor P6KE51 Datasheet HTML 3Page - General Semiconductor P6KE51 Datasheet HTML 4Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
P6KE6.8 THRU P6KE440CA
TRANSZORB™ TRANSIENT VOLTAGE SUPPRESSOR
Breakdown Voltage - 6.8 to 440 Volts
Peak Pulse Power- 600 Watts
FEATURES
♦ Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
♦ Glass passivated junction
♦ 600W peak pulse power capability with a 10/1000µs
waveform, repetition rate (duty cycle): 0.01%
♦ Excellent clamping
capability
♦ Low incremental surge resistance
♦ Fast response time: typically less
than 1.0ps from 0 Volts to V(BR) for
uni-directional and 5.0ns for bi-directional types
♦ Typical ID less than 1µA above 10V
♦ High temperature soldering guaranteed:
265°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3 kg) tension
MECHANICAL DATA
Case: JEDEC DO-204AC molded plastic body over
passivated junction
Terminals: Solder plated axial leads, solderable per
MIL-STD-750, Method 2026
Polarity: For uni-directional types the color band denotes
the cathode, which is postitive with respect to the anode
under normal TVS operation
Mounting Position: Any
Weight: 0.015 ounce, 0.4 gram
DEVICES FOR BIDIRECTIONAL APPLICATIONS
For bi-directional use C or CA Suffix for types P6KE6.8 thru types P6KE440 (e.g. P6KE6.8C, P6KE440CA).
Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNITS
Peak pulse power dissipation with a 10/1000
µs
waveform (NOTE 1, FIG. 1)
PPPM
Minimum 600
Watts
Peak pulse current with a 10/1000
µs waveform
(NOTE 1)
IPPM
SEE TABLE 1
Amps
Steady state power dissipation at TL=75°C
lead lengths, 0.375" (9.5mm) (NOTE 2)
PM(AV)
5.0
Watts
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
(JEDEC Method) unidirectional only (NOTE 3)
IFSM
100.0
Amps
Maximum instantaneous forward voltage at 50.0A for
unidirectional only (NOTE 4)
VF
3.5/5.0
Volts
Operating junction and storage temperature range
TJ, TSTG
-55 to +175
°C
NOTES:
(1) Non-repetitive current pulse, per Fig. 3 and derated above TA=25°C per Fig. 2
(2) Mounted on copper pad area of 1.6 x 1.6” (40 x 40mm) per Fig. 5
(3) Measured on 8.3ms single half sine-wave or equivalent square wave duty cycle=4 pulses per minute maximum
(4) VF=3.5 Volt max. for devices of V(BR)
≤220V, and VF=5.0V for devices of V(BR)>220V
1/21/99
DO-204AC
Dimensions in inches
and
(millimeters)
0.034 (0.86)
0.028 (0.71)
0.140 (3.6)
0.104 (2.6)
DIA.
DIA.
1.0
MIN.
(25.4)
0.230 (5.8)
0.300 (7.6)
1.0
MIN.
(25.4)


Similar Part No. - P6KE51

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE51 PANJIT-P6KE51 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Chongqing Pingwei Enter...
P6KE51 CHONGQING-P6KE51 Datasheet
249Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
P6KE51 TSC-P6KE51 Datasheet
672Kb / 4P
   600 Watts Transient Voltage Suppressor
logo
Diotec Semiconductor
P6KE51 DIOTEC-P6KE51 Datasheet
154Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
First Silicon Co., Ltd
P6KE51 FS-P6KE51 Datasheet
325Kb / 4P
   Transient Voltage Suppressors Peak Pulse Power 600W Breakdown Voltage 6.8 to 550V
More results

Similar Description - P6KE51

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ICTE5.0 GE-ICTE5.0 Datasheet
46Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
P4KE530 GE-P4KE530 Datasheet
37Kb / 2P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
1.5KE6.8 NJSEMI-1.5KE6.8 Datasheet
193Kb / 3P
   TRANSZORB TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
1.5KE6.8 GE-1.5KE6.8 Datasheet
66Kb / 6P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
BZW04P-5V8 GE-BZW04P-5V8 Datasheet
55Kb / 4P
   TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SM15T GE-SM15T Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBG GE-SMBG Datasheet
77Kb / 4P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
SMCG GE-SMCG Datasheet
103Kb / 5P
   SURFACE MOUNT TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
LCE6.5A NJSEMI-LCE6.5A Datasheet
222Kb / 2P
   LOW CAPACITANCE TRANSZORB??TRANSIENT VOLTAGE SUPPRESSOR
logo
General Semiconductor
SM6T GE-SM6T Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com