Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1562CPWG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TLV1562CPWG4
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1562CPWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1562CPWG4 Datasheet HTML 6Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 7Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 8Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 9Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 10Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 11Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 12Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 13Page - Texas Instruments TLV1562CPWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
reference voltage inputs
The TLV1562 has two reference input pins: REFP and REFM. The voltage levels applied to these pins establish
the upper and lower limits of the analog inputs to produce a full-scale and zero-scale reading respectively. The
values of VREFP, VREFM, and the analog input should not exceed the positive supply or be less than GND
consistent with the specified absolute maximum ratings. The digital output is at full scale when the input signal
is equal to or higher than VREFP and is at zero when the input signal is equal to or lower than VREFM. The
internal resistance from VREFP to VREFM may be as low as 20 k
Ω (±10%).
The reference voltages must satisfy the following conditions:
VREFP
≤ AVDD – 1 V,
AGND + 0.9 V < VREFM and
3 V
≥ (VREFP – VREFM) ≥ 0.8 V
VREFP
Cpad
= 10 pF
Cin = 1 pF
VREFM
Cpad
= 10 pF
Cin = 1 pF
10 k
10 k
VREFCM
Ron
Ron
Rs
Rs
Figure 7. Equivalent Circuit for Reference input


Similar Part No. - TLV1562CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562CPW TI-TLV1562CPW Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
More results

Similar Description - TLV1562CPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562 TI-TLV1562 Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com