Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1562CPW Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1562CPW
Description  2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1562CPW Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1562CPW Datasheet HTML 5Page - Texas Instruments TLV1562CPW Datasheet HTML 6Page - Texas Instruments TLV1562CPW Datasheet HTML 7Page - Texas Instruments TLV1562CPW Datasheet HTML 8Page - Texas Instruments TLV1562CPW Datasheet HTML 9Page - Texas Instruments TLV1562CPW Datasheet HTML 10Page - Texas Instruments TLV1562CPW Datasheet HTML 11Page - Texas Instruments TLV1562CPW Datasheet HTML 12Page - Texas Instruments TLV1562CPW Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TLV1562
2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL
CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
SLAS162 – SEPTEMBER 1998
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
detailed description (continued)
equivalent input impedance
VCC (V)
Ron(
Ω)
1 k
0.5 k
2.7
5.5
Vin
Cpad = 10 pF
0 V
Csample = 0.5 pF
FB
Rs
Ron
Ron
Buffer
Figure 4. Equivalent Input Circuit
Figure 5. Input Mux On Resistance vs
Analog Supply Voltage
Req = Vin/Ieq = (Q/Cin)/(Q/T) = T/Cin = 1/(fs
× Csample) = 1/(2 MHz × 0.5 pF) = 1 MΩ
Where fs is the sampling frequency, and fc is the conversion frequency
fs = fc/5
when the device is in one channel/continuous conversion mode,
fs = fc/10
when the device is in one channel/continuous conversion mode,
fs = Conversion trigger strobe frequency when the device is in interrupt mode (RD or CSTART)
Csample = Input capacitance = 0.5 pF
Cparasitic = Parasitic capacitance = 0.5 pF
Cpad = Input PAD capacitance = 10 pF
Ron = Mux switch on series resistance = 1 k
Ω at 2.7 V
Rs = Source output resistance = 1 k
input bandwidth (full power 0 dB input, BW at –1 dB)
BW = 1/[2
× π × (Rtotal y Cac)]
= 1/[2
× π × ((Ron + Rs) × (Csample + Cparasitic))]
= 1/[2
× π × (2K × 1 pF)]
= 79.6 MHz
(Theoretical Max)
–3
–4
–5
10
20
40
50
70
90
100
–2
–1
Analog Input Frequency – MHz
0
120
130
150
30
60
80
110
140
Figure 6. Typical Analog Input Frequency Input Bandwidth


Similar Part No. - TLV1562CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562CPW TI-TLV1562CPW Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
More results

Similar Description - TLV1562CPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1562 TI-TLV1562 Datasheet
578Kb / 40P
[Old version datasheet]   2.7 V TO 5.5 V, HIGH-SPEED LOW-POWER RECONFIGURABLE ANALOG-TO-DIGITAL CONVERTER WITH 4-INPUT, DUAL S/H, PARALLEL INTERFACE, AND POWER DOWN
TLV5619-EP TI1-TLV5619-EP Datasheet
923Kb / 25P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI1-TLV5619_16 Datasheet
1Mb / 26P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613CDW TI-TLV5613CDW Datasheet
816Kb / 23P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613 Datasheet
291Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5619 TI-TLV5619 Datasheet
251Kb / 18P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5613 TI-TLV5613_V01 Datasheet
323Kb / 21P
[Old version datasheet]   2.7 V TO 5.5 V 12-BIT PARALLEL DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A Datasheet
458Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI-TLV5618A_06 Datasheet
446Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5618A TI1-TLV5618A_16 Datasheet
1,017Kb / 24P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com