Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INT-1462 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # INT-1462
Description  Conexant Fusion??878A (CX25878A), PC99 Compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

INT-1462 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  INT-1462 Datasheet HTML 1Page - List of Unclassifed Manufacturers INT-1462 Datasheet HTML 2Page - List of Unclassifed Manufacturers INT-1462 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
INT-1462
Applications
EUROTECH Inc
e-mail: sales-us@eurotech.com
tel: +1 301.490.4007
toll free: +1 888.941.2224
EUROTECH UK
e-mail: sales-uk@eurotech.com
tel: +44 (0) 1223 403.410
EUROTECH Italy
e-mail: sales-it@eurotech.com
tel: +39 0433.485.411
EUROTECH Finland
e-mail: sales-fi@eurotech.com
tel: +358 9.477.888.0
EUROTECH France
e-mail: sales-fr@eurotech.com
tel: +33 04.72.89.00.90
Americas
Western Europe
Central & Southern Europe
Northern & Eastern Europe
www.eurotech.com
Video capture
Still frame capture
Multimedia hub of Embedded PC system
Mobile DVR
Vertical blanking interval (VBI) data service
About Eurotech
Eurotech delivers embedded computer systems for high capability and
low power applications, networking and wearable computing solutions,
and application framework middleware for multimedia, industrial,
transportation, medical, and wireless applications. Eurotech platforms
allow OEM and enterprise customers to focus on their core revenue-
generating products and services and get to market quickly.
Physical Characteristics
DIMENSIONS
90 x 96 mm (3.6” x 3.8”)
POWER SUPPLY
Single +5V DC +/- 5%
POWER CONSUMPTION
1.25 W (typical)
0 ~ +60°C standard
OPERATING
TEMPERATURE
-40 ~ +85°C optional
HUMIDITY
Up 95% non-condensing
Options
Conformal Coating
Custom Connectors
Extended Operating Temperature Range
Note: The information in this document is subject to change without notice and should not be construed as a commitment by EUROTECH.
While reasonable precautions have been taken, EUROTECH assumes no responsibility for any error that may appear in this document.
All trademarks or registered trademarks are the properties of their respective companies.
ETH_INT-1462_DS221008


Similar Part No. - INT-1462

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
INT LINKCOM-INT Datasheet
848Kb / 6P
   50W Programmable Tunable White LED Driver
logo
Vishay Siliconix
INT VISHAY-INT Datasheet
140Kb / 6P
   Custom Substrates - Metal Via / Multilayer / Lumped Element
01-Jan-2022
logo
Shanghai Yint Electroni...
INT.P0080TA YINT-INT.P0080TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
INT.P0220TA YINT-INT.P0220TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
INT.P0300TA YINT-INT.P0300TA Datasheet
574Kb / 4P
   Thyristor Surge Suppressors
More results

Similar Description - INT-1462

ManufacturerPart #DatasheetDescription
logo
Synaptics Incorporated.
FUSION878A CONEXANT-FUSION878A Datasheet
50Kb / 1P
   TELETEXT Application for Conexant Fusion 878A PCI Video Capture Processor
logo
List of Unclassifed Man...
VT8231 ETC-VT8231 Datasheet
1Mb / 132P
   SOUTH BRIDGE PC99 COMPLIANT
XT0010 ETC2-XT0010 Datasheet
182Kb / 2P
   ADSL Transformer For Conexant
logo
Sonardyne sound in dept...
8021 SONARDYNE-8021 Datasheet
112Kb / 2P
   Fusion USBL Transceivers
logo
Nuvotem Talema
AEP1100-T TALEMA-AEP1100-T Datasheet
47Kb / 1P
   ADSL Transformers for Conexant Chipsets
logo
Aries Electronics, Inc.
4-002-152FBP ARIES-4-002-152FBP Datasheet
583Kb / 1P
   Fusion Bonded Cable Jumpers
logo
Renesas Technology Corp
9VRS4818B RENESAS-9VRS4818B Datasheet
413Kb / 21P
   FUSION II CLOCK GENERATOR
REV A 062512
logo
Lightel Technologies IN...
CW-200B LIGHTEL-CW-200B Datasheet
381Kb / 2P
   Automatic fusion pulling control
logo
Actel Corporation
M7AFS600-1FGG256I ACTEL-M7AFS600-1FGG256I Datasheet
10Mb / 318P
   Actel Fusion Mixed-Signal FPGAs
logo
List of Unclassifed Man...
UT20188S ETC1-UT20188S Datasheet
34Kb / 1P
   ADSL Transformer for Conexant AccessRunner Chipset
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com