Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4117-22W Datasheet(PDF) 1 Page - HuaXinAn Electronics CO.,LTD

Part # 4117-22W
Description  Small size, light weight
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAXINAN [HuaXinAn Electronics CO.,LTD]
Direct Link  http://www.huaandz.com
Logo HUAXINAN - HuaXinAn Electronics CO.,LTD

4117-22W Datasheet(HTML) 1 Page - HuaXinAn Electronics CO.,LTD

  4117-22W Datasheet HTML 1Page - HuaXinAn Electronics CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Twin structure of 4117 type.
Small size, light weight.
Low coil power consumption.
PC board mounting.
4117-2 2C
S
12VDC
1
2
3
4
Ordering Information
3 Enclosure
S: Sealed type
Z: Dust cover
4 Coil rated voltage(V)
DC:3,5,6,9,12,18,24
Contact Data
Coil Parameter
4117-2
1 Part number
4117-2
2 Contact arrangement
2A:2A
2C:2C
2U:2U
2W:2W
CAUTION: 1.The use of any coil voltage less than the rated coil voltage will compromise the operation of the relay.
2.Pickup and release voltage are for test purposes only and are not to be used as design criteria.
Dash
numbers
Coil voltage
VDC
Rated
Max.
Coil
resistance
10%
Pickup
voltage
VDC(max)
(75%of rated
voltage )
Release voltage
VDC(min)
(10% of rated
voltage)
Coil power
consumption
W
Operate
Time
ms
Release
Time
ms
29.6
18
20
Contact Arrangement
2A
DPSTNO
2C
DPDT(B-M)
2U
DPSTNODM
2W
DPDTNC-NO
Contact Material
AgNi AgSnO
2
Contact Rating (resistive)
2A,2C: 10A/120VAC,28VDC ; 2U,2W: 2
10A/120VAC, 28VDC
Max. Switching Power
280W 1200VA
Max. Switching Voltage
75VDC 380VAC
Max. Switching Current:10A
Contact Resistance or Voltage drop
50m
Item 4.12 of IEC 61810-7
5
Operation
Electrical
10
Item 4.30 of IEC 61810-7
7
life
Mechanical
10
Item 4.31 of IEC 61810-7
003-1000
3
3.9
92
2.25
0.3
005-1000
5
6.5
25
2
3.75
0.5
006-1000
6
7.8
36
2
4.50
0.6
009-1000
9
11.7
85
2
6.75
0.9
012-1000
12
15.6
145
2
9.00
1.2
018-1000
18
23.4
324
2
13.5
1.8
024-1000
24
31.2
576
2
18.0
2.4
2
1.0
10
5
Features
125
Operation condition
Dimensions
NOTES 1).Dimensions are in millimeters.
2).Inch equivalents are given for general information only.
Reference Data
50Hz 750V
Item 6 of IEC 61810-5
50Hz 1500V
Item 6 of IEC 61810-5
Dimensions
Mounting (Bottom view)
Wiring diagram(Bottom view)
Insulation Resistance
100M
min (at 500VDC)
Item 7 of IEC 61810-5
Dielectric Strength
Between contacts
Between contact and coil
2
Shock resistance
100m/s
11ms
IEC68-2-27 Test Ea
Vibration resistance
10~40Hz double amplitude 1.27mm
IEC68-2-6 Test Fc
Terminals strength
10N
IEC68-2-21 Test Ua1
Solderability
235
2
3
0.5s
IEC68-2-20 Test Ta method 1
Ambient Temperature
-40~105
Relative Humidity
85% (at 40
)
IEC68-2-3Test Ca
Mass
20g
126
4117-2
12
10
8
6
4
2
mm /inch
18max.
0.709max.
0.083
2.1
29.6max.
1.165max.
14- 1.3
5.08
5.08
0.200
0.200
10.16
0.400
4
0.157
10.16
0.400
0.051
0.028
4- 0.7
0.031X0.031
0.8X0.8
0.031X0.031
0.8X0.8
0.02X0.031
8-0.5X0.8
Suitable for household appliances, electrical equipment, automation system, and automobile industry application.
Ningbo Huaguan Electronics Corporation LTD.


Similar Part No. - 4117-22W

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
4117-22WS12VDC DBLECTRO-4117-22WS12VDC Datasheet
332Kb / 2P
   4117-2
4117-22WS12VDC DBLECTRO-4117-22WS12VDC Datasheet
753Kb / 3P
   Twin structure of 4117 type
4117-22WS18VDC DBLECTRO-4117-22WS18VDC Datasheet
332Kb / 2P
   4117-2
4117-22WS18VDC DBLECTRO-4117-22WS18VDC Datasheet
753Kb / 3P
   Twin structure of 4117 type
4117-22WS24VDC DBLECTRO-4117-22WS24VDC Datasheet
332Kb / 2P
   4117-2
More results

Similar Description - 4117-22W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV2R ETC1-NV2R Datasheet
114Kb / 2P
   Small size, light weight.
logo
HuaXinAn Electronics CO...
NG8QW2C HUAXINAN-NG8QW2C Datasheet
425Kb / 1P
   Small size, light weight
NT72-2A HUAXINAN-NT72-2A Datasheet
581Kb / 1P
   Small size, light weight
NT741C HUAXINAN-NT741C Datasheet
333Kb / 1P
   Small size, light weight.
NV2M-2A HUAXINAN-NV2M-2A Datasheet
470Kb / 1P
   Small size, light weight
NT78A HUAXINAN-NT78A Datasheet
514Kb / 1P
   Small size, light weight
NT742C HUAXINAN-NT742C Datasheet
333Kb / 1P
   Small size, light weight.
NT72C HUAXINAN-NT72C Datasheet
581Kb / 1P
   Small size, light weight.
NT742B HUAXINAN-NT742B Datasheet
333Kb / 1P
   Small size, light weight
NV2R HUAXINAN-NV2R Datasheet
806Kb / 1P
   Small size, light weight
NG6D HUAXINAN-NG6D Datasheet
357Kb / 1P
   Small size,light weight
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com