Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPU-1454 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. CPU-1454
Description  Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1454 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CPU-1454 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1454 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1454 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Datasheet - PC/104-Plus CPU MODULES
CPU-1454
Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet (RoHS)
Features
Architecture:
PC/104-Plus compliant
Processor:
Intel® Celeron® 400MHz, 256KB L2 cache, 100MHz FSB
Chipset:
Intel® 815E
Memory:
256MB SDRAM soldered onboard
Supported Operating Systems:
WinCE®, WinXPE® and Linux®
BIOS Flash:
1MB Flash EPROM
Interfaces:
IDE Controller Ultra ATA
Serial ports:
1x RS-232
1x RS-232/422/485
4x USB 1.1 ports
Gigabit Ethernet (Intel® 82541PI chipset)
Fast Ethernet (Intel® 82562ET chipset)
Video Controllers:
Analog VGA output
Digital LVDS output
Auxiliary Power
AC97
Keyboard and Mouse
Bus:
PC/104-Plus (PCI)
PC/104 (ISA)
Watchdog:
2-255 seconds / minutes
Power Supply:
Single +5V DC
General Description
The CPU-1454 is an embedded RoHS compliant board based on two modules: a mezzanine CPU module combined with a PC/104-Plus form factor
carrier.
The mezzanine CPU module features the processor and its Intel® 815E chipset with 100MHz bus frequency. The processor is the Intel®
Celeron® 400MHz 0.13µm that has low power consumption making it ideal for embedded applications. The system comes with 256MB SDRAM
soldered onboard. No active cooling is required to operate within the standard and extended temperature ranges. The carrier implements all the
connections to the external world, including 4 USB ports, 1 Gigabit Ethernet interface (1000Mbps), Ethernet 10/100Mbps, Analog VGA and Digital
LVDS outputs, 2 Serial ports, 1 AC97 audio interface, Auxiliary Power, Keyboard and Mouse connectors and an IDE controller that supports any
type of IDE Flash devices (Disk-On-Module, Compact Flash and Flash Disk). The carrier also performs the connections for the ISA and PCI bus
enabling the CPU-1454 to stack on top of a PC/104-Plus system. The carrier provides support for Watchdog management and Real Time Clock
(external backup battery) and can be customized to match specific customer needs.
The BIOS for the module is embedded and is located in a 1MB Flash EPROM, it is fully re-programmable onboard. The set-up parameters are
saved in Flash to allow the module to operate without a battery.
RoHS
Eurotech S.p.A.
e-mail: sales@eurotech.it
http://www.eurotech.it
ETH_CPU-1454_DS131206


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn