Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPU-1454 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. CPU-1454
Description  Celeron 400MHz Fanless SBC with Gigabit & Fast Ethernet
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CPU-1454 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CPU-1454 Datasheet HTML 1Page - List of Unclassifed Manufacturers CPU-1454 Datasheet HTML 2Page - List of Unclassifed Manufacturers CPU-1454 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CPU-1454
DATASHEET
ETH_CPU-1454_DS131206
Tel. +39 0433 485 411
Fax. +39 0433 485 499
URL: www.eurotech.it
E-mail: sales@eurotech.it
Note. The information in this document is subject to change without notice and should not be construed as a commitment by EuroTecH S.p.A.
While reasonable precautions have been taken, EuroTecH S.p.A. assumes no responsibility for any error that may appear in this document.
All trademarks or registred trademarks are the properties of their respective companies.
Embedded Enhanced BIOS
• The Eurotech BIOS with enhanced embedded features can be
easily customized and upgraded to match the specific system
configuration.
• Watchdog management.
• Set-Up in Flash in order to avoid Set-Up corruption in field.
• Virtual Peripheral Support (V.P.S.): this mode allows users to
bootstrap from the parallel or serial ports and also redirect
Keyboard, Video and Floppy Disk on the serial/parallel ports
before booting the Operating System. It is also possible to
redirect any of these peripherals as default setting.
Etherboot support: this feature allows the system to boot up
from a LAN connection for diskless operation.
Accessories
• RJ45 10/100 Ethernet adapter
• RJ45 Gigabit Ethernet adapter
• AC97 adapter
• USB adapters
• 2mm to 2.54mm IDE cable
• Cable Set Kit
• Development Kit
Options
• Custom BIOS with embedded features
• Extended operating temperature range
• Custom carrier
• Conformal coating
• Custom Connectors
Physical Characteristics
• Dimensions:
90 x 96 mm (3.6" X 3.8")
• Height:
18.6 mm (0.7”)
• Power supply:
Single +5V DC +/- 5%
• Power consumption:
8.0 W typical
• Operating Temperature:
0 ~ + 50 °C (standard)
-40 ~ +85 °C (extended)
• Humidity:
Up to 95% non-condensing
Power Management
• Temperature monitor with hardware thermal
management circuit
• Power fail NMI (safe operation between 4.75V and
5.25V)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn