Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

34708-3083 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 34708-3083
Description  Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 8 Circuit Signal Header, Polarization C, Brown; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization C, Tray
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

34708-3083 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  34708-3083 Datasheet HTML 1Page - Molex Electronics Ltd. 34708-3083 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +100°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
Contact Molex
Voltage - Maximum
500V
Solder Process Data
Duration at Max. Process Temperature (seconds)
30
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Application Specification
AS-34729-020
Product Specification
PS-31372-100, PS-34729-020
Sales Drawing
SD-34708-300
This document was generated on 09/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 34708-3083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34708-3080 MOLEX11-34708-3080 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization A, Black; Bay B 12 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization A, Tray
34708-3081 MOLEX11-34708-3081 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 52 Circuits, Bay A 20 Circuit Signal Header, Polarization D, Green; Bay B 12 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
34708-3082 MOLEX11-34708-3082 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 28 Circuits, Bay A 12 Circuit Signal Header, Polarization C, Brown; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3084 MOLEX11-34708-3084 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 32 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization B, Tray
34708-3085 MOLEX11-34708-3085 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 60 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 20 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
More results

Similar Description - 34708-3083

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
34708-3090 MOLEX11-34708-3090 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 16 Circuit Signal Header, Polarization C, Brown; Bay B 16 Circuit Signal Header, Polarization A, Black; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3082 MOLEX11-34708-3082 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 28 Circuits, Bay A 12 Circuit Signal Header, Polarization C, Brown; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 8 Circuit Signal Header, Polarization B, Tray
34708-3091 MOLEX11-34708-3091 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 48 Circuits, Bay A 20 Circuit Signal Header, Polarization C, Brown; Bay B 12 Circuit Signal Header, Polarization C, Brown; Bay C 16 Circuit Signal Header, Polarization B, Tray
34707-3050 MOLEX11-34707-3050 Datasheet
36Kb / 2P
   Stac64??3 Bay Vertical Headers, 48 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization C, Brown, Tray
34708-3096 MOLEX11-34708-3096 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 52 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization B, Gray; Bay C 20 Circuit Signal Header, Polarization C, Tray
34708-3084 MOLEX11-34708-3084 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 32 Circuits, Bay A 16 Circuit Signal Header, Polarization A, Black; Bay B 8 Circuit Signal Header, Polarization B, Gray; Bay C 16 Circuit Signal Header, Polarization B, Tray
34708-3000 MOLEX11-34708-3000 Datasheet
35Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 16 Circuit Signal Header, Polarization A, Black; Bay C 12 Circuit Signal Header, Polarization B, Tray
34708-3093 MOLEX11-34708-3093 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 16 Circuit Signal Header, Polarization B, Gray; Bay B 16 Circuit Signal Header, Polarization A, Black; Bay C 8 Circuit Signal Header, Polarization A, Tray
34708-3092 MOLEX11-34708-3092 Datasheet
60Kb / 2P
   Stac64??3 Bay Right Angle Headers, 40 Circuits, Bay A 12 Circuit Signal Header, Polarization B, Gray; Bay B 8 Circuit Signal Header, Polarization C, Brown; Bay C 20 Circuit Signal Header, Polarization D, Tray
34708-3095 MOLEX11-34708-3095 Datasheet
59Kb / 2P
   Stac64??3 Bay Right Angle Headers, 48 Circuits, Bay A 20 Circuit Signal Header, Polarization A, Black; Bay B 16 Circuit Signal Header, Polarization C, Brown; Bay C 12 Circuit Signal Header, Polarization B, Tray
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com