Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13270-92LF Datasheet(PDF) 11 Page - Skyworks Solutions Inc.

Part # SKY13270-92LF
Description  The Right Products for Your System Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY13270-92LF Datasheet(HTML) 11 Page - Skyworks Solutions Inc.

Back Button SKY13270-92LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 11Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 12Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 13Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 14Page - Skyworks Solutions Inc. SKY13270-92LF Datasheet HTML 15Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
WWW.SKYWORKSINC.COM
11
dIOdES
Table 16. Varactor diodes for Tuning Applications
Part
Capacitance
Capacitance
Series Resistance (R
S)/
Package
Frequency Band (MHz)
Number
Function
(C
t)
Ratio (C
R)
Quality Factor
(mm)
450
915
2400
SMV1405-079LF
VCO Tuning
1.8 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 3200
SC-79 1.6 x 0.8
SMV1405-040LF
VCO Tuning
1.8 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 3200
0402 1.0 x 0.6
SMV1413-079LF
VCO Tuning
6.4 pF @ 1 V
C
T0/CT30 = 4.2
Q @ 4 V 50 MHz = 2400
SC-79 1.6 x 0.8
SMV1408-001LF
VCO Tuning
2.9 pF @ 1 V
C
T0/CT30 = 4.1
Q @ 4 V 50 MHz = 2900
SOT-23 2.9 x 2.35
SMV1247-011LF
VCO Tuning
7 pF @ 0.3 V
C
T0.3/CT4.7 = 10
Q @ 3 V 50 MHz = 1500
SOD-323 2.5 x 1.25
SMV1247-040LF
VCO Tuning
7 pF @ 0.3 V
C
T0.3/CT4.7 = 10
Q @ 3 V 50 MHz = 1500
0402 1.0 x 0.6
SMV1249-040LF
VCO Tuning
31 pF @ 0.3 V
C
T0.3/CT4.7 = 12.1
R
S @ 3 V 500 MHz = 1.2 Ω
0402 1.0 x 0.6
SMV1249-079LF
VCO Tuning
31 pF @ 0.3 V
C
T0.3/CT4.7 = 12.1
R
S @ 3 V 500 MHz = 2.2 Ω
SC-79 1.6 x 0.8
SMV1251-001LF
VCO Tuning
42 pF @ 0.3 V
C
T0.3/CT4.7 = 12.2
R
S @ 3 V 500 MHz = 1.6 Ω
SOT-23 2.9 x 2.35
SMV1253-079LF
VCO Tuning
53 pF @ 0.3 V
C
T0.3/CT4.7 = 12.3
R
S @ 3 V 500 MHz = 1.4 Ω
SC-79 1.6 x 0.8
SMV1255-011LF
VCO Tuning
64 pF @ 0.3 V
C
T0.3/CT4.7 = 12.3
R
S @ 3 V 500 MHz = 1.3 Ω
SOD-323 2.5 x 1.25
SMV1233-011LF
VCO Tuning
3.3 pF @ 1 V
C
T1/CT3 = 1.5
R
S @ 3 V 500 MHz = 1.2 Ω
SOD-323 2.5 x 1.25
SMV1236-004LF
VCO Tuning
17 pF @ 1 V
C
T1/CT3 = 1.6
R
S @ 3 V 500 MHz = 0.5 Ω
SOT-23 2.9 x 2.35
SMV1763-040LF
VCO Tuning
5.2 pF @ 1 V
C
T0.5/CT2.5 = 2.3
R
S @ 1 V 900 MHz = 0.7 Ω
0402 1.0 x 0.6
SMV1763-079LF
VCO Tuning
5.2 pF @ 1 V
C
T0.5/CT2.5 = 2.5
R
S @ 1 V 500 MHz = 0.7 Ω
SC-79 1.6 x 0.8
SMV1142-011LF
VCO Tuning
8.2 pF @ 1 V
C
T1/CT3 = 1.5
R
S @ 3 V 500 MHz = 0.7 Ω
SOD-323 2.5 x 1.25
SMV1235-079LF
VCO Tuning
11.5 pF @ 1 V
C
T1/CT3 = 1.8
R
S @ 3 V 500 MHz = 0.6 Ω
SC-79 1.6 x 0.8
SMV1235-040LF
VCO Tuning
11.5 pF @ 1 V
C
T1/CT3 = 1.8
R
S @ 3 V 500 MHz = 0.6 Ω
0402 1.0 x 0.6
Diodes • Varactor


Similar Part No. - SKY13270-92LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13270-92LF SKYWORKS-SKY13270-92LF Datasheet
212Kb / 5P
   GaAs SPDT Switch 100 MHz-2.5 GHz
More results

Similar Description - SKY13270-92LF

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0402 BOURNS-CRT0402 Datasheet
351Kb / 6P
   Selecting the Right Resistor for Your Application
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
2518121217Y6 ETC1-2518121217Y6 Datasheet
255Kb / 3P
   Fair-Rite Products Corp. Your Sinnal Solution
TSX10A-26057 ETC1-TSX10A-26057 Datasheet
54Kb / 1P
   For the CSR Bluetooth products
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
OKI electronic componet...
PCT-1000 OKI-PCT-1000 Datasheet
2Mb / 4P
   Create Your Own Rework System
logo
Analog Devices
MT-002 AD-MT-002 Datasheet
158Kb / 12P
   What the Nyquist Criterion Means to Your Sampled Data System Design
Rev.A, 10/08, WK
logo
List of Unclassifed Man...
VM3-01 ETC2-VM3-01 Datasheet
99Kb / 2P
   To easily integrate Contura products into your system, Carlingswitch also offers many accessories, including
logo
Freescale Semiconductor...
MCIMX25 FREESCALE-MCIMX25_10 Datasheet
1Mb / 132P
   i.MX25 Applications Processor for Automotive Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com