Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMDA24C Datasheet(PDF) 4 Page - Protek Devices

Part # SMDA24C
Description  500 WATT MULTI-LINE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDA24C Datasheet(HTML) 4 Page - Protek Devices

  SMDA24C Datasheet HTML 1Page - Protek Devices SMDA24C Datasheet HTML 2Page - Protek Devices SMDA24C Datasheet HTML 3Page - Protek Devices SMDA24C Datasheet HTML 4Page - Protek Devices SMDA24C Datasheet HTML 5Page - Protek Devices SMDA24C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05031.R11 10/12
Page 4
SMDA03 - SMDA36C
So-8 PACkAGE INFoRMATIoN
oUTLINE DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
4.80
5.00
0.189
0.196
B
3.80
4.00
0.150
0.157
C
1.35
1.75
0.054
0.068
D
0.35
0.49
0.014
0.019
F
0.40
1.25
0.016
0.049
G
1.27 BSC
0.05 BSC
J
0.18
0.25
0.007
0.009
K
0.10
0.25
0.004
0.008
P
5.80
6.20
0.229
0.244
R
0.25
0.50
0.010
0.019
NoTES
1. -T- = Seating plane and datum surface.
2. Dimensions “A” and “B” are datum.
3. Dimensions “A” and “B” do not include mold protrusion.
4. Maximum mold protrusion is 0.015” (0.380mm) per side.
5. Dimensioning and tolerances per ANSI Y14.5M, 1982.
6. Dimensions are exclusive of mold flash and metal burrs.
PAD LAYoUT DIMENSIoNS
DIM
MILLIMETERS
INChES
MIN
MAX
MIN
MAX
A
1.14
1.40
0.045
0.055
B
0.64
0.89
0.025
0.035
C
6.22
-
0.245
-
D
3.94
4.17
0.155
0.165
E
1.02
1.27
0.040
0.050
NoTES
1. Controlling dimension: inches.
-A-
8
5
1
4
-B-
P
G
D
-T-
C
K
J
R x 45°
0° - 10°
F
4 PL
0.010” (0.25mm) M B
+
8 PL
0.010” (0.25mm)
B
+
A
T
A
B
C
D
E
M
M
S
S


Similar Part No. - SMDA24C

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SMDA24C SEMTECH-SMDA24C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
logo
Micro Commercial Compon...
SMDA24C MCC-SMDA24C Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDA24C MICROSEMI-SMDA24C Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDA24C PROTEC-SMDA24C Datasheet
84Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
Semtech Corporation
SMDA24C SEMTECH-SMDA24C Datasheet
167Kb / 7P
   Bidirectional TVS Array for Protection of Four Lines
More results

Similar Description - SMDA24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603_12 Datasheet
639Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CN-5 PROTEC-SMDA05CN-5_11 Datasheet
507Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CN-5 PROTEC-SMDA05CN-5_12 Datasheet
509Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA36C-LF PROTEC-SMDA36C-LF Datasheet
697Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA15C-LF-T7 PROTEC-SMDA15C-LF-T7 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SM1603 PROTEC-SM1603 Datasheet
636Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA05CM PROTEC-SMDA05CM_11 Datasheet
511Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
SMDA03 PROTEC-SMDA03_12 Datasheet
512Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com