Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MT121NP-HR Datasheet(PDF) 1 Page - Marktech Corporate

Part No. MT121NP-HR
Description  Multi Chip Emitter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MT121NP-HR Datasheet(HTML) 1 Page - Marktech Corporate

  MT121NP-HR Datasheet HTML 1Page - Marktech Corporate MT121NP-HR Datasheet HTML 2Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Absolute Maximum Ratings (Ta=25ºC)
ITEMS
SYMBOL
RATINGS
UNIT
Forward Current
IF
30
mA
Power Dissipation
PD
240
mW
Operating Temperature Range
Topr
-20 ~ +60
ºC
Storage Temperature Range
Tstg
-30 ~ +100
ºC
Lead Soldering Temperature*1
Tls
260
ºC
*1: Time 5 Sec max, Position: Up to 3mm from the body.
Peak Emission Wavelength: 560nm, 585nm, 635nm, 660nm
The MT121NP-xxx is a high reliability multi-chip emitter designed for applications requiring various wavelengths
or more than one die in a single package. These devices can be custom sorted for specific power output.
FEATURES
> High Luminance / High Reliability
> Wide Radiation Pattern / White Ceramic Base
> Low Power Consumption
> Alternate Electrical Configurations
APPLICATIONS
> Currency Validation
> Medical / Biofluorescence
> General Indication
> Push Button Backlight
Electrical & Optical Characteristics (Ta = 25ºC)
PART NO.
Material
IV(typ)
VF(typ)
VF(max)
λp(typ)
λ(typ)
Circuit
@IF=20MA
@IF=20MA
@IF=20MA
@IF=20MA
@IF=20MA
MT121NP-UG
GaP
50mcd
7.5V
9.1V
565nm
30nm
Bipolar
MT121NP-YL
GaAsP
20mcd
7.3V
8.8V
585nm
30nm
Bipolar
MT121NP-HR
GaAsP
25mcd
7.0V
8.5V
635nm
35nm
Bipolar
MT121NP-URD
GaAlAs
100mcd
6.8V
8.2V
660nm
20nm
Bipolar
Multi Chip Emitter
Product No:
MT121NP-XXX
Global Headquarters, 3 Northway Lane North, Latham, NY 12110, USA
www.marktechopto.com
TOLL FREE:
1-800-984-5337 PHONE: 518-956-2980 FAX: 518-785-4725 EMAIL: info@marktechopto.com
1
2013-06-19


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn