Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDP8436-003 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # SDP8436-003
Description  Honeywell Sensing and Control
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SDP8436-003 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  SDP8436-003 Datasheet HTML 1Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HOME
ABOUT US
INDUSTRIES
PRODUCTS & APPLICATIONS
NEWS & EVENTS
CONTACT & SUPPORT
EXTRANETS
Speed, Position
& Current
Thermal
Pressure,
Force & Flow
Relays
Switches &
Equipment Health
Potentiometers
& Resistors
Safety
Products
Vehicle Controls
& Monitoring
Test &
Measuremen
Representative photograph,
actual product appearance
may vary.
Dimensions
Schematic
Performance Charts
Specifications
Click here for a print friendly version of this datasheet.
SDP8406-002
SDP Series Silicon PhotoTransistor, Side-looking Plastic Package
Features
Side-looking plastic package
50 ° (nominal) acceptance angle
Wide sensitivity ranges
Mechanically and spectrally matched to SEP8506 and SEP8706 infrared emitting diodes
Description
The SDP8406 is an NPN silicon phototransistor molded in a side-looking
clear plastic package. The chip is positioned to accept radiation through a
plastic lens from the side of the package.
Product Specifications
Product Type
IR Component
Angular Response (Degree)
50
Light Current Minimum
1.80 mA
Light Current Maximum
3.60 mA
Package Style
Side-Looking
Package Components
Plastic
Package Color
Clear
Rise and Fall Time
15 µs
Power Dissipation
100 mW
Operating Temperature Range -40 °C to 85 °C [-40 °F to 185 °F]
Dark Current
100 nA
Collector-Emitter Breakdown
Voltage
30 V
Emitter-Collector Breakdown
Voltage
5 V
Collector-Emitter Saturation
Voltage
0.4 V
Comment
The radiation source is a tungsten lamp operating at a color
temperature of 2870°K.
Availability
Global
Product Name
Phototransistor
Due to regional agency approval requirements, some products may not be available in your area.
Please contact your regional Honeywell office regarding your product of choice.


Similar Part No. - SDP8436-003

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SDP8436-004 HONEYWELL-ACC-SDP8436-004 Datasheet
455Kb / 4P
   Silicon Phototransistor
More results

Similar Description - SDP8436-003

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SS496B-S HONEYWELL-ACC-SS496B-S Datasheet
166Kb / 1P
   Honeywell sensing and control
SS421H HONEYWELL-ACC-SS421H Datasheet
466Kb / 5P
   Honeywell Sensing and Control
FF-SRL60252 HONEYWELL-ACC-FF-SRL60252 Datasheet
43Kb / 1P
   Honeywell Sensing and Control
13C5000PA4K HONEYWELL-ACC-13C5000PA4K Datasheet
70Kb / 2P
   Honeywell Sensing and Control
FF-SRE3081E HONEYWELL-ACC-FF-SRE3081E Datasheet
100Kb / 1P
   Honeywell Sensing and Control
FF-SRS60252 HONEYWELL-ACC-FF-SRS60252 Datasheet
139Kb / 1P
   honeywell Sensing aond Control
logo
Honeywell Solid State E...
HAFUHM0010L2AXT HONEYWELL-HAFUHM0010L2AXT Datasheet
713Kb / 11P
   Honeywell ZephyrTM Digital Airflow Sensors
logo
OSRAM GmbH
SFH2200FAA01 OSRAM-SFH2200FAA01 Datasheet
993Kb / 17P
   Remote Control, Proximity, Ambient Light Sensing
logo
Texas Instruments
TDC1000 TI1-TDC1000 Datasheet
2Mb / 60P
[Old version datasheet]   TDC1000 Ultrasonic Sensing Analog Front End (AFE) for Level Sensing, Flow Sensing, Concentration Sensing, and Proximity Sensing Applications
logo
Honeywell Accelerometer...
HIH6130-021-001S HONEYWELL-ACC-HIH6130-021-001S Datasheet
1Mb / 15P
   Honeywell HumidIcon??Digital Humidity/Temperature Sensors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com