Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX54CTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BDX54CTU
Description  Hammer Drivers, Audio Amplifiers Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BDX54CTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BDX54CTU Datasheet HTML 1Page - Fairchild Semiconductor BDX54CTU Datasheet HTML 2Page - Fairchild Semiconductor BDX54CTU Datasheet HTML 3Page - Fairchild Semiconductor BDX54CTU Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. A, February 2000
PNP Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse Test: PW=300
µs, duty Cycle =1.5% Pulsed
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VCEO
Collector-Emitter Voltage : BDX54
: BDX54A
: BDX54B
: BDX54C
- 45
- 60
- 80
- 100
V
V
V
V
VEBO
Emitter-Base Voltage
- 5
V
IC
Collector Current (DC)
- 8
A
ICP
*Collector Current (Pulse)
- 12
A
IB
Base Current
- 0.2
A
PC
Collector Dissipation (TC=25°C)
60
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 65 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
VCEO(sus)
* Collector-Emitter Sustaining Voltage
: BDX54
: BDX54A
: BDX54B
: BDX54C
IC = - 100mA, IB = 0
- 45
- 60
- 80
- 100
V
V
V
V
ICBO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCB = - 45V, IE = 0
VCB = - 60V, IE = 0
VCB = - 80V, IE = 0
VCB = - 100V, IE = 0
- 200
- 200
- 200
- 200
µA
µA
µA
µA
ICEO
Collector Cut-off Current : BDX54
: BDX54A
: BDX54B
: BDX54C
VCE = - 22V, IB = 0
VCE = - 30V, IB = 0
VCE = - 40V, IB = 0
VCE = - 50V, IB = 0
- 500
- 500
- 500
- 500
µA
µA
µA
µA
IEBO
Emitter Cut-off Current
VEB = - 5V, IC = 0
- 2
mA
hFE
* DC Current Gain
VCE = - 3V, IC = - 3A
750
VCE(sat)
* Collector-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2
V
VBE(sat)
* Base-Emitter Saturation Voltage
IC = - 3A, IB = - 12mA
- 2.5
V
VF
* Parallel Diode Forward Voltage
IF = - 3A
IF = - 8A
- 1.8
- 2.5
- 2.5
V
V
BDX54/A/B/C
Hammer Drivers, Audio Amplifiers Applications
Power Liner and Switching Applications
• Power Darlington TR
• Complement to BDX53, BDX53A, BDX53B and BDX53C respectively
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - BDX54CTU

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDX54C MOSPEC-BDX54C Datasheet
187Kb / 4P
   POWER TRANSISTORS(8A.,45-100V,60W)
logo
Savantic, Inc.
BDX54C SAVANTIC-BDX54C Datasheet
92Kb / 3P
   Silicon PNP Power Transistors
logo
Motorola, Inc
BDX54C MOTOROLA-BDX54C Datasheet
169Kb / 6P
   Plastic Medium-Power Complementary Silicon Transistors
logo
ON Semiconductor
BDX54C ONSEMI-BDX54C Datasheet
106Kb / 7P
   Plastic Medium-Power Complementary Silicon Transistors
November, 2007 - Rev. 13
BDX54C ONSEMI-BDX54C Datasheet
169Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
More results

Similar Description - BDX54CTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BDW24 FAIRCHILD-BDW24 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW23 FAIRCHILD-BDW23 Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93 FAIRCHILD-BDW93 Datasheet
39Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
BDW93CF FAIRCHILD-BDW93CF Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications
BDX54 FAIRCHILD-BDX54 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
BDX53 FAIRCHILD-BDX53 Datasheet
41Kb / 4P
   Hammer Drivers, Audio Amplifiers Applications Power Liner and Switching Applications
logo
Boca Semiconductor Corp...
MJE15028 BOCA-MJE15028 Datasheet
25Kb / 2P
   HIGH FREQUENCY DRIVERS IN AUDIO AMPLIFIERS
logo
SHIKUES Electronics
2SD1628 SKTECHNOLGY-2SD1628 Datasheet
1Mb / 3P
   Strobe DC-DC convertersm relay drivers, hammer drivers
logo
STMicroelectronics
BC297 STMICROELECTRONICS-BC297 Datasheet
117Kb / 3P
   AUDIO DRIVERS
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com