Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1543IDB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1543IDB
Description  3.3-V Supply Operation 10-Bit-Resolution A/D Converter
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1543IDB Datasheet(HTML) 2 Page - Texas Instruments

  TLV1543IDB Datasheet HTML 1Page - Texas Instruments TLV1543IDB Datasheet HTML 2Page - Texas Instruments TLV1543IDB Datasheet HTML 3Page - Texas Instruments TLV1543IDB Datasheet HTML 4Page - Texas Instruments TLV1543IDB Datasheet HTML 5Page - Texas Instruments TLV1543IDB Datasheet HTML 6Page - Texas Instruments TLV1543IDB Datasheet HTML 7Page - Texas Instruments TLV1543IDB Datasheet HTML 8Page - Texas Instruments TLV1543IDB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
TLV1543C, TLV1543I, TLV1543M
3.3V 10BIT ANALOGTODIGITAL CONVERTERS
WITH SERIAL CONTROL AND 11 ANALOG INPUTS
SLAS072E − DECEMBER 1992 − REVISED JANUARY 2004
2
WWW.TI.COM
functional block diagram
14-Channel
Analog
Multiplexer
Sample and
Hold
10-Bit
Analog-to-Digital
Converter
(switched capacitors)
Self-Test
Reference
Output
Data
Register
10-to-1 Data
Selector and
Driver
System Clock,
Control Logic,
and I/O
Counters
Input Address
Register
4
10
10
4
REF +
REF −
DATA
OUT
ADDRESS
I/O CLOCK
CS
3
EOC
1
2
3
4
5
6
7
8
9
11
12
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
14
13
16
19
17
18
15
typical equivalent inputs
INPUT CIRCUIT IMPEDANCE DURING SAMPLING MODE
INPUT CIRCUIT IMPEDANCE DURING HOLD MODE
1 k
Ω TYP
Ci = 60 pF MAX
(equivalent input
capacitance)
5 M
Ω TYP
A0 − A10
A0 − A10


Similar Part No. - TLV1543IDB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1543IDB TI-TLV1543IDB Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543IDBLE TI-TLV1543IDBLE Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
TLV1543IDBR TI-TLV1543IDBR Datasheet
611Kb / 26P
[Old version datasheet]   3.3V 10 BIT ANALOG TO DIGITAL CONVERTERS WITH SERIAL CONTROL AND 11 ANALOG INPUTS
More results

Similar Description - TLV1543IDB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9411 AD-AD9411 Datasheet
968Kb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. A
AD9411 AD-AD9411_15 Datasheet
1Mb / 28P
   10-Bit, 170/200 MSPS 3.3 V A/D Converter
REV. B
AD9481 AD-AD9481_17 Datasheet
724Kb / 29P
   3.3 V A/D Converter
AD9481 AD-AD9481 Datasheet
931Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_17 Datasheet
640Kb / 29P
   8-Bit, 250 MSPS 3.3 V A/D Converter
AD9480 AD-AD9480 Datasheet
1Mb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. 0
AD9480 AD-AD9480_15 Datasheet
851Kb / 28P
   8-Bit, 250 MSPS 3.3 V A/D Converter
REV. A
logo
Fujitsu Component Limit...
MB88111 FUJITSU-MB88111 Datasheet
169Kb / 26P
   A/D Converter (With 24-Channel Input at 10-bit Resolution)
logo
Analog Devices
ADADC71 AD-ADADC71_15 Datasheet
286Kb / 12P
   Complete, High Resolution 16-Bit A/D Converter
REV. C
AD7861 AD-AD7861_15 Datasheet
98Kb / 6P
   11-Bit Resolution Simultaneous Sampling A/D Converter
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com