Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1508IPWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1508IPWR
Description   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1508IPWR Datasheet(HTML) 2 Page - Texas Instruments

  TLV1508IPWR Datasheet HTML 1Page - Texas Instruments TLV1508IPWR Datasheet HTML 2Page - Texas Instruments TLV1508IPWR Datasheet HTML 3Page - Texas Instruments TLV1508IPWR Datasheet HTML 4Page - Texas Instruments TLV1508IPWR Datasheet HTML 5Page - Texas Instruments TLV1508IPWR Datasheet HTML 6Page - Texas Instruments TLV1508IPWR Datasheet HTML 7Page - Texas Instruments TLV1508IPWR Datasheet HTML 8Page - Texas Instruments TLV1508IPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
TLV1504, TLV1508
2.7V TO 5.5V, 10BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS251A − DECEMBER 1999 − REVISED JANUARY 2003
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The TLV1504I and the TLV1508I are characterized for operation from − 40
°C to 85°C.
functional block diagram
Command
Decode
SDI
CS
FS
EOC/(INT)
Low Power
10-BIT
SAR ADC
Control Logic
CSTART
PWDN
VCC
GND
REFP
4/2 V
Reference
S/H
OSC
Conversion
Clock
M
U
X
FIFO
12 Bit
× 8
CFR
SCLK
SDO
2548
A0
A1
A2
A3
A4
A5
A6
A7
REFM
2544
A0
X
A1
X
A2
X
A3
X
CMR (4 MSBs)
INT
EXT
DIV
AVAILABLE OPTIONS
PACKAGED DEVICES
TA
20-TSSOP
(PW)
20-SOIC
(DW)
16-SOIC
(D)
16-TSSOP
(PW)
−40
°C to 85°C
TLV1508IPW
TLV1508IDW
TLV1504ID
TLV1504IPW


Similar Part No. - TLV1508IPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1508IPW TI-TLV1508IPW Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com