Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1571 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV1571
Description  2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1571 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV1571_14 Datasheet HTML 5Page - Texas Instruments TLV1571_14 Datasheet HTML 6Page - Texas Instruments TLV1571_14 Datasheet HTML 7Page - Texas Instruments TLV1571_14 Datasheet HTML 8Page - Texas Instruments TLV1571_14 Datasheet HTML 9Page - Texas Instruments TLV1571_14 Datasheet HTML 10Page - Texas Instruments TLV1571_14 Datasheet HTML 11Page - Texas Instruments TLV1571_14 Datasheet HTML 12Page - Texas Instruments TLV1571_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
TLV1571, TLV1578
2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTERS
SLAS170D –MARCH 1999 – REVISED JULY 2000
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
start of conversion mechanism
There are two ways to convert data: hardware and software. In the hardware conversion mode the ADC begins
sampling at the falling edge of CSTART and begins conversion at the rising edge of CSTART. Software start
mode ADC samples for 6 clocks, then conversion occurs for ten clocks. The total sampling and conversion
process lasts only 16 clocks in this case. If RD is not detected during the next clock cycle, the ADC automatically
proceeds to a power-down state. Data is valid on the rising edge of INT in both conversion modes.
hardware CSTART conversion
external clock
With CS low and WR low, data is written into the ADC. The sampling begins at the falling edge of CSTART and
conversion begins at the rising edge of CSTART. At the end of conversion, EOC goes from low to high, telling
the host that conversion is ready to be read out. The external clock is active and is used as the reference at all
times. With this mode, it is required that CSTART is not applied at the rising edge of the clock (see Figure 4).


Similar Part No. - TLV1571_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571CDW TI-TLV1571CDW Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571CDW TI-TLV1571CDW Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571CDWG4 TI-TLV1571CDWG4 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571CPW TI-TLV1571CPW Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571IDW TI-TLV1571IDW Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLV1571_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1571 TI-TLV1571_00 Datasheet
627Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV1571 TI-TLV1571 Datasheet
434Kb / 29P
[Old version datasheet]   2.7 V TO 5.5 V, 1-/8-CHANNEL, 10-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTERS
TLV571 TI-TLV571 Datasheet
405Kb / 27P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI1-TLV571_14 Datasheet
527Kb / 30P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_07 Datasheet
429Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV571 TI-TLV571_06 Datasheet
419Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
TLV5627CDR TI1-TLV5627CDR Datasheet
468Kb / 23P
[Old version datasheet]   2.7-V TO 5.5 V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS
TLV5627C TI-TLV5627C Datasheet
258Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V 8-BIT 4-CHANNEL DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN
TLV1570 TI1-TLV1570_14 Datasheet
1,019Kb / 33P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
TLV1570 TI-TLV1570 Datasheet
480Kb / 28P
[Old version datasheet]   2.7 V TO 5.5 V 8-CHANNEL 10-BIT 1.25-MSPS SERIAL ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com