Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV1504IPW Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TLV1504IPW
Description   Maximum Throughput 200-KSPS Built-In Reference, Conversion Clock and 8횞 FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV1504IPW Datasheet(HTML) 10 Page - Texas Instruments

Back Button TLV1504IPW Datasheet HTML 6Page - Texas Instruments TLV1504IPW Datasheet HTML 7Page - Texas Instruments TLV1504IPW Datasheet HTML 8Page - Texas Instruments TLV1504IPW Datasheet HTML 9Page - Texas Instruments TLV1504IPW Datasheet HTML 10Page - Texas Instruments TLV1504IPW Datasheet HTML 11Page - Texas Instruments TLV1504IPW Datasheet HTML 12Page - Texas Instruments TLV1504IPW Datasheet HTML 13Page - Texas Instruments TLV1504IPW Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
TLV1504, TLV1508
2.7V TO 5.5V, 10BIT, 200KSPS, 4/8CHANNEL, LOW POWER
SERIAL ANALOGTODIGITAL CONVERTERS WITH AUTOPOWERDOWN
SLAS251A − DECEMBER 1999 − REVISED JANUARY 2003
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TLV1504/TLV1508 conversion modes (continued)
Table 4. TLV1504/TLV1508 Conversion Mode
CONVERSION
MODE
CFR
D(6,5)
SAMPLING
TYPE
OPERATION
One shot
00
Normal
• Single conversion from a selected channel
• CS or FS to start select/sampling/conversion/read
• One INT or EOC generated after each conversion
• Host must serve INT by selecting channel, and converting and reading the previous output.
Extended
• Single conversion from a selected channel
• CS to select/read
• CSTART to start sampling and conversion
• One INT or EOC generated after each conversion
• Host must serve INT by selecting next channel and reading the previous output.
Repeat
01
Normal
• Repeated conversions from a selected channel
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by either 1) (FIFO read) reading out all of the FIFO contents up to the
threshold, then repeat conversions from the same selected channel or 2) writing another
command(s) to change the conversion mode. If the FIFO is not read when INT is served, it is
cleared.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
Sweep
10
Normal
• One conversion per channel from a sequence of channels
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by (FIFO read) reading out all of the FIFO contents up to the threshold, then
write another command(s) to change the conversion mode.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
Repeat sweep
11
Normal
• Repeated conversions from a sequence of channels
• CS or FS to start sampling/conversion
• One INT generated after FIFO is filled up to the threshold
• Host must serve INT by either 1) (FIFO read) reading out all of the FIFO contents up to the
threshold, then repeat conversions from the same selected channel or 2) writing another
command(s) to change the conversion mode. If the FIFO is not read when INT is served it is
cleared.
Extended
• Same as normal sampling except CSTART starts each sampling and conversion when CS is
high.
NOTES:
1. Programming the EOC/INT pin as the EOC signal works for mode 00 only. The other three modes automatically generate an INT
signal irrespective of how EOC/INT is programmed.
2. Extended. Sampling mode using CSTART as the trigger only works when internal reference is selected for conversion modes 01,
10, and 11.
3. When using CSTART to sample in extended mode, the falling edge of the next CSTART trigger should occur no more than 2.5
µs
after the falling CS edge (or falling FS edge if FS is active) of the channel select cycle. This is to prevent an ongoing conversion from
being canceled.


Similar Part No. - TLV1504IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1504IPW TI-TLV1504IPW Datasheet
638Kb / 42P
[Old version datasheet]   2.7 V TO 5.5 V, 10-BIT, 200 KSPS, 4/8 CHANNEL, LOW POWER, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com