Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MPSA06 Datasheet(PDF) 1 Page - General Semiconductor

Part No. MPSA06
Description  Small Signal Transistors (NPN)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

MPSA06 Datasheet(HTML) 1 Page - General Semiconductor

  MPSA06 Datasheet HTML 1Page - General Semiconductor MPSA06 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSA06
Small Signal Transistors (NPN)
FEATURES
♦ NPN Silicon Epitaxial Planar Transistor for
switching and amplifier applications.
♦ As complementary type, the PNP
transistor MPSA56 is recommended.
♦ On special request, this transistor is
also manufactured in the pin configuration
TO-18.
♦ This transistor is also available in the
SOT-23 case with the type designation MMBTA06
MECHANICAL DATA
Case: TO-92 Plastic Package
Weight: approx. 0.18g
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
80
V
Emitter-Base Voltage
VEBO
4.0
V
Collector Current
IC
500
mA
Power Dissipation at TA = 25 °C
Ptot
625
mW
at TC = 25 °C
1.5
W
Thermal Resistance Junction to Ambient Air
R
θJA
200(1)
K/W
Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–65 to +150
°C
1)Valid provided that leads are kept at ambient temperature
0.181 (4.6)
0.142 (3.6)
0.098 (2.5)
max.
∅ 0.022 (0.55)
E
C
B
TO-92
10/27/98
Dimensions in inches and (millimeters)
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BC846 Small Signal Transistors NPN 1  2  3  4  5  More General Semiconductor
2N917 Small Signal NPN Transistors / Dual Transistors 1  Central Semiconductor Corp
BF420 Small Signal Transistors NPN 1  2  General Semiconductor
BC847 SMALL SIGNAL NPN TRANSISTORS 1  2  3  4  STMicroelectronics
BF820 Small Signal Transistors NPN 1  2  General Semiconductor
BCW66 SMALL SIGNAL NPN TRANSISTORS 1  2  3  4  STMicroelectronics
CP316V Small Signal Transistors NPN - High Voltage Transistor Chip 1  2  Central Semiconductor Corp
2N3707 NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1  2  Micro Electronics
MMBT3904 Small Signal Transistors NPN 1  2  3  General Semiconductor
MMBT4401 SMALL SIGNAL TRANSISTORS NPN 1  2  3  General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn