Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5510IPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5510IPW
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510IPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC5510IPW Datasheet HTML 2Page - Texas Instruments TLC5510IPW Datasheet HTML 3Page - Texas Instruments TLC5510IPW Datasheet HTML 4Page - Texas Instruments TLC5510IPW Datasheet HTML 5Page - Texas Instruments TLC5510IPW Datasheet HTML 6Page - Texas Instruments TLC5510IPW Datasheet HTML 7Page - Texas Instruments TLC5510IPW Datasheet HTML 8Page - Texas Instruments TLC5510IPW Datasheet HTML 9Page - Texas Instruments TLC5510IPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
functional description
The TLC5510 and TLC5510A are semiflash ADCs featuring two lower comparator blocks of four bits each.
As shown in Figure 2, input voltage VI(1) is sampled with the falling edge of CLK1 to the upper comparators block
and the lower comparators block(A), S(1). The upper comparators block finalizes the upper data UD(1) with the
rising edge of CLK2, and simultaneously, the lower reference voltage generates the voltage RV(1)
corresponding to the upper data. The lower comparators block (A) finalizes the lower data LD(1) with the rising
edge of CLK3. UD(1) and LD(1) are combined and output as OUT(1) with the rising edge of CLK4. As shown
in Figure 2, the output data is delayed 2.5 clocks from the analog input voltage sampling point.
Input voltage VI(2) is sampled with the falling edge of CLK2. UD(2) is finalized with the rising edge of CLK3, and
LD(2) is finalized with the rising edge of CLK4 at the lower comparators block(B). OUT(2) data appears with
the rising edge of CLK5.
VI(1)
VI(2)
VI(3)
VI(4)
CLK1
CLK2
CLK3
CLK4
S(1)
C(1)
S(2)
C(2)
S(3)
C(3)
S(4)
C(4)
S(1)
H(1)
C(1)
S(3)
H(3)
C(3)
H(0)
C(0)
S(2)
H(2)
C(2)
S(4)
H(4)
LD(– 2)
OUT(– 2)
OUT(–1)
OUT(0)
OUT(1)
ANALOG IN
(sampling points)
CLK (clock)
Upper Comparators Block
Upper Data
Lower Reference Voltage
Lower Comparators Block (A)
Lower Data (A)
Lower Comparators Block (B)
Lower Data (B)
D1 – D8 (data output)
UD(0)
RV(0)
UD(1)
RV(1)
UD(2)
RV(2)
UD(3)
RV(3)
LD(– 1)
LD(0)
LD(1)
LD(2)
CLK5
Figure 2. Internal Functional Timing Diagram


Similar Part No. - TLC5510IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510IPW TI-TLC5510IPW Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPW TI1-TLC5510IPW Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPW TI1-TLC5510IPW Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWG4 TI1-TLC5510IPWG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWG4 TI1-TLC5510IPWG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com