Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5540IPW Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5540IPW
Description  8-Bit Resolution Differential Linearity Error Integral Linearity Error
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5540IPW Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLC5540IPW Datasheet HTML 3Page - Texas Instruments TLC5540IPW Datasheet HTML 4Page - Texas Instruments TLC5540IPW Datasheet HTML 5Page - Texas Instruments TLC5540IPW Datasheet HTML 6Page - Texas Instruments TLC5540IPW Datasheet HTML 7Page - Texas Instruments TLC5540IPW Datasheet HTML 8Page - Texas Instruments TLC5540IPW Datasheet HTML 9Page - Texas Instruments TLC5540IPW Datasheet HTML 10Page - Texas Instruments TLC5540IPW Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TLC5540
SLAS105D − JANUARY 1995 − REVISED APRIL 2004
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
N
N+ 1
N+ 2
N+ 3
N+ 4
N−3
N −2
N−1
N
N+ 1
tpd
CLK (Clock)
ANALOG IN
(Input Signal)
D1 −D8
(Output Data)
tw(H)
tw(L)
Figure 1. I/O Timing Diagram
tPZH
OE
Data Output
tPHZ
Active
Active
Hi-Z
Reference Level
(2.5 V)
VOH (4.5 V typical)
VOL (0.4 V typical)
tPZL
tPLZ
Figure 2. I/O Timing Diagram


Similar Part No. - TLC5540IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5540IPW TI-TLC5540IPW Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLC5540IPWR TI-TLC5540IPWR Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
TLC5540IPWRG4 TI-TLC5540IPWRG4 Datasheet
231Kb / 18P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - TLC5540IPW

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
EV9902A CMLMICRO-EV9902A Datasheet
484Kb / 23P
   Measures Bit Error Rate
logo
TEKTRONIX, INC.
BSX TEKTRONIX-BSX Datasheet
1Mb / 38P
   Bit Error Rate Tester
logo
Agilent(Hewlett-Packard...
N2101B HP-N2101B Datasheet
255Kb / 4P
   Bit Error Ratio Tester
logo
Dallas Semiconductor
DS2172 DALLAS-DS2172 Datasheet
213Kb / 21P
   Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS2172 MAXIM-DS2172 Datasheet
180Kb / 22P
   Bit Error Rate Tester (BERT)
101000
logo
Fujitsu Component Limit...
MB1426 FUJITSU-MB1426 Datasheet
734Kb / 15P
   16 BIT ERROR CHECKING & CORRECTION
logo
Silicon Touch Technolog...
DM11C SITI-DM11C Datasheet
668Kb / 34P
   8-bit Constant Current LED Driver with Error Detection
logo
Analog Devices
UG-534 AD-UG-534 Datasheet
618Kb / 8P
   Isolated error amplifier
logo
Dallas Semiconductor
DS21372 DALLAS-DS21372 Datasheet
214Kb / 21P
   3.3V Bit Error Rate Tester BERT
logo
Maxim Integrated Produc...
DS21372 MAXIM-DS21372 Datasheet
180Kb / 22P
   3.3V Bit Error Rate Tester (BERT)
101000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com