Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC5510AINSRG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # TLC5510AINSRG4
Description  8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC5510AINSRG4 Datasheet(HTML) 5 Page - Texas Instruments

  TLC5510AINSRG4 Datasheet HTML 1Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 2Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 3Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 4Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 5Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 6Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 7Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 8Page - Texas Instruments TLC5510AINSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TLC5510, TLC5510A
8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
SLAS095L – SEPTEMBER 1994 – REVISED JUNE 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics at VDD = 5 V, VREFT = 2.5 V, VREFB = 0.5 V, f(CLK) = 20 MHz, TA = 25°C (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
f
Maximum conversion rate
TLC5510
fI = 1 kHz ramp
VI(ANLG) = 0.5 V – 2.5 V
20
MSPS
fconv
Maximum conversion rate
TLC5510A
fI = 1-kHz ramp
VI(ANLG) = 0 V – 4 V
20
MSPS
BW
Analog input bandwidth
At – 1 dB
14
MHz
td(D)
Digital output delay time
CL ≤ 10 pF (see Note 1 and Figure 1)
18
30
ns
Differential gain
NTSC 40 Institute of Radio Engineers (IRE)
1%
Differential phase
g(
)
modulation wave,
fconv = 14.3 MSPS
0.7
degrees
tAJ
Aperture jitter time
30
ps
td(s)
Sampling delay time
4
ns
ten
Enable time, OE
↓ to valid data
CL = 10 pF
5
ns
tdis
Disable time, OE
↑ to high impedance
CL = 10 pF
7
ns
Input tone = 1 MHz
TA = 25°C
45
Input tone = 1 MHz
Full range
43
Input tone = 3 MHz
TA = 25°C
45
Spurious free dynamic range (SFDR)
Input tone = 3 MHz
Full range
46
dB
Spurious free dynamic range (SFDR)
Input tone = 6 MHz
TA = 25°C
43
dB
Input tone = 6 MHz
Full range
42
Input tone = 10 MHz
TA = 25°C
39
Input tone = 10 MHz
Full range
39
SNR
Signal to noise ratio
TA = 25°C
46
dB
SNR
Signal-to-noise ratio
Full range
44
dB
NOTE 1: CL includes probe and jig capacitance.
N
N+1
N+2
N+3
N+4
N – 3N – 2N – 1NN + 1
td(D)
CLK (clock)
ANALOG IN
(input signal)
D1 – D8
(output data)
tw(H)
tw(L)
td(s)
Figure 1. I/O Timing Diagram


Similar Part No. - TLC5510AINSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results

Similar Description - TLC5510AINSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510INSR TI-TLC5510INSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
logo
Analog Devices
ADC1131 AD-ADC1131_15 Datasheet
1Mb / 4P
   14-Bit High Speed, Analog To-Digital Converters
logo
National Semiconductor ...
DAC0800 NSC-DAC0800_51 Datasheet
637Kb / 9P
   8-BIT DIGITAL-TO-ANALOG CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com