Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1550IDW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1550IDW
Description  Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550IDW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC1550IDW Datasheet HTML 2Page - Texas Instruments TLC1550IDW Datasheet HTML 3Page - Texas Instruments TLC1550IDW Datasheet HTML 4Page - Texas Instruments TLC1550IDW Datasheet HTML 5Page - Texas Instruments TLC1550IDW Datasheet HTML 6Page - Texas Instruments TLC1550IDW Datasheet HTML 7Page - Texas Instruments TLC1550IDW Datasheet HTML 8Page - Texas Instruments TLC1550IDW Datasheet HTML 9Page - Texas Instruments TLC1550IDW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
operating characteristics over recommended operating free-air temperature range with internal
clock and minimum sampling time of 4
µs, VDD =VREF+ = 5 V and VREF− = 0 (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP‡
MAX
UNIT
TLC1550I
Full range
±0.5
EL
Linearity error
TLC1551I
See Note 3
Full range
±1
LSB
EL
Linearity error
TLC1550M
See Note 3
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EZS
Zero-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EZS
Zero-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
EFS
Full-scale error
TLC1551I
See Notes 2 and 4
Full range
±1
LSB
EFS
Full-scale error
TLC1550M
See Notes 2 and 4
25
°C
±0.5
LSB
TLC1550M
Full range
±1
TLC1550I
Full range
±0.5
Total unadjusted error
TLC1551I
See Note 5
Full range
±1
LSB
Total unadjusted error
TLC1550M
See Note 5
25
°C
±1
LSB
tc
Conversion time
fclock(external) = 4.2 MHz or
internal clock
6
µs
ta(D)
Data access time after RD goes low
35
ns
tv(D)
Data valid time after RD goes high
5
ns
tdis(D)
Disable time, delay time from RD high to high
impedance
See Figure 3
30
ns
td(EOC) Delay time, RD low to EOC high
0
15
ns
† Full range is − 40°C to 85°C for the TL155xI devices and −55°C to 125°C for the TLC1550M.
‡ All typical values are at VDD = 5 V, TA = 25°C.
NOTES:
2. Analog input voltages greater than that applied to REF+ convert to all 1s (1111111111), while input voltages less than that applied
to REF − convert to all 0s (0000000000). The total unadjusted error may increase as this differential voltage falls below 4.75 V.
3. Linearity error is the difference between the actual analog value at the transition between any two adjacent steps and its ideal value
after zero-scale error and full-scale error have been removed.
4. Zero-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified zero scale.
Full-scale error is the difference between the actual mid-step value and the nominal mid-step value at specified full scale.
5. Total unadjusted error is the difference between the actual analog value at the transition between any two adjacent steps and its
ideal value. It includes contributions from zero-scale error, full-scale error, and linearity error.


Similar Part No. - TLC1550IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550IDW TI-TLC1550IDW Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDW TI1-TLC1550IDW Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWG4 TI-TLC1550IDWG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWG4 TI1-TLC1550IDWG4 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWR TI-TLC1550IDWR Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Similar Description - TLC1550IDW

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
   Power Dissipation Pcm= 625 mW (Ta=25C)
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com