Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLC1550IDW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1550IDW
Description  Power Dissipation . . . 40 mW Max Advanced LinEPIC田?Single-Poly Process
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC1550IDW Datasheet(HTML) 5 Page - Texas Instruments

  TLC1550IDW Datasheet HTML 1Page - Texas Instruments TLC1550IDW Datasheet HTML 2Page - Texas Instruments TLC1550IDW Datasheet HTML 3Page - Texas Instruments TLC1550IDW Datasheet HTML 4Page - Texas Instruments TLC1550IDW Datasheet HTML 5Page - Texas Instruments TLC1550IDW Datasheet HTML 6Page - Texas Instruments TLC1550IDW Datasheet HTML 7Page - Texas Instruments TLC1550IDW Datasheet HTML 8Page - Texas Instruments TLC1550IDW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TLC1550I, TLC1550M, TLC1551I
10BIT ANALOGTODIGITAL CONVERTERS
WITH PARALLEL OUTPUTS
SLAS043G − MAY 1991 − REVISED NOVEMBER 2003
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VDD =VREF+ = 4.75 V to 5.5 V and VREF− = 0 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VOH
High-level output voltage
VDD = 4.75 V,
IOH = − 360 µA
2.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
TA = 25°C
0.4
V
VOL
Low-level output voltage
VDD = 4.75 V,
IOL = 2.4 mA
TA = − 55°C to 125°C
0.5
V
IOZ
Off-state (high-impedance-state) output current
VO = VDD,
CS and RD at VDD
10
A
IOZ
Off-state (high-impedance-state) output current
VO = 0,
CS and RD at VDD
−10
µA
IIH
High-level input current
VI = VDD
0.005
2.5
µA
IIL
Low-level input current (except CLKIN)
VI = 0
−2.5
− 0.005
µA
IIL
Low-level input current (CLKIN)
−50
−50
µA
IOS
Short-circuit output current
VO = 5 V,
TA = 25°C
7
14
mA
IOS
Short-circuit output current
VO = 0,
TA = 25°C
−12
−6
mA
I(DD) Operating supply current
CS low and RD high
2
8
mA
Ci
Input capacitance
Analog inputs
See typical equivalent inputs TLC1550/1I
60
90*
pF
Ci
Input capacitance
Digital inputs
See typical equivalent inputs TLC1550/1I
5
15*
pF
* On products compliant to MIL-STD-883, Class B, this parameter is not production tested.
† All typical values are at VDD = 5 V, TA = 25°C.


Similar Part No. - TLC1550IDW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1550IDW TI-TLC1550IDW Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDW TI1-TLC1550IDW Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWG4 TI-TLC1550IDWG4 Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWG4 TI1-TLC1550IDWG4 Datasheet
863Kb / 18P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
TLC1550IDWR TI-TLC1550IDWR Datasheet
371Kb / 16P
[Old version datasheet]   10-BIT ANALOG-TO-DIGITAL CONVERTERS WITH PARALLEL OUTPUTS
More results

Similar Description - TLC1550IDW

ManufacturerPart #DatasheetDescription
logo
Suntan Capacitors
BZV55C SUNTAN-BZV55C Datasheet
347Kb / 3P
   Total power dissipation: max. 500 mW
logo
NXP Semiconductors
PDZ-B NXP-PDZ-B Datasheet
143Kb / 9P
   Total power dissipation: max. 400 mW
2004 Mar 22
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Vishay Siliconix
PLZ VISHAY-PLZ_V01 Datasheet
188Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
01-Jan-2022
logo
First Components Intern...
MPSA44 FCI-MPSA44 Datasheet
185Kb / 2P
   Power Dissipation Pcm= 625 mW (Ta=25C)
logo
List of Unclassifed Man...
4CX300Y ETC2-4CX300Y Datasheet
99Kb / 1P
   Plate Dissipation (Max.) 400 Watts Screen Dissipation (Max.) 8 Watts Grid Dissipation (Max.) 1 Watt
logo
Vishay Siliconix
PLZ VISHAY-PLZ Datasheet
163Kb / 9P
   Zener Diodes Permitting 500 mW Power Dissipation
Rev. 1.2. 29-Nov-16
logo
Texas Instruments
TLV2731IDBVR TI-TLV2731IDBVR Datasheet
818Kb / 31P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLV2231 TI1-TLV2231_08 Datasheet
767Kb / 30P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
logo
Inchange Semiconductor ...
2SA679 ISC-2SA679 Datasheet
82Kb / 2P
   High Power Dissipation-: PC= 100W(Max.)@TC=25C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com