Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1201Y2 Datasheet(PDF) 77 Page - Texas Instruments

Part # MSC1201Y2
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1201Y2 Datasheet(HTML) 77 Page - Texas Instruments

Back Button MSC1201Y2 Datasheet HTML 73Page - Texas Instruments MSC1201Y2 Datasheet HTML 74Page - Texas Instruments MSC1201Y2 Datasheet HTML 75Page - Texas Instruments MSC1201Y2 Datasheet HTML 76Page - Texas Instruments MSC1201Y2 Datasheet HTML 77Page - Texas Instruments MSC1201Y2 Datasheet HTML 78Page - Texas Instruments MSC1201Y2 Datasheet HTML 79Page - Texas Instruments MSC1201Y2 Datasheet HTML 80Page - Texas Instruments MSC1201Y2 Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
77
Flash Memory Control (FMCON)
7
6
5
4
3
2
1
0
Reset Value
SFR EEh
0
PGERA
0
FRCM
0
BUSY
SPM
FPM
02h
PGERA
Page Erase. Available in both user and program modes.
bit 6
0 = Disable Page Erase Mode
1 = Enable Page Erase Mode (automatically set by page_erase Boot ROM routine)
FRCM
Frequency Control Mode.
bit 4
0 = Bypass (default)
1 = Use Delay Line. Recommended for saving power.
BUSY
Write/Erase BUSY Signal.
bit 2
0 = Idle or Available
1 = Busy
SPM
Serial Programming Mode. Read-only.
bit 1
0 = Indicates the device is not in serial programming mode.
1 = Indicates the device is in serial programming mode (if FPM also = 1).
FPM
Flash Programming Mode. Read-only.
bit 0
0 = Indicates the device is operating in UAM.
1 = Indicates the device is operating in programming mode.
Flash Memory Timing Control (FTCON)
7
6
5
4
3
2
1
0
Reset Value
SFR EFh
FER3
FER2
FER1
FER0
FWR3
FWR2
FWR1
FWR0
A5h
Refer to Flash Memory Characteristics.
FER3−0
Set Erase. Flash Erase Time = (1 + FER)
• (MSEC + 1) • tCLK. This can be broken into multiple, shorter erase times.
bits 7−4
For more Information, see Application Report SBAA137, Incremental Flash Memory Page Erase, available for
download from www.ti.com.
Industrial temperature range: 11ms
Commercial temperature range: 5ms
FWR3−0
Set Write. Set Flash Write Time = (1 + FWR)
• (USEC + 1) • 5 • tCLK. Total writing time will be longer. For more
bits 3−0
Information, see Application Report SBAA087, In-Application Flash Programming, available for download from
www.ti.com.
Range: 30
µs to 40µs.
B Register (B)
7
6
5
4
3
2
1
0
Reset Value
SFR F0h
00h
B.7−0
B Register. This register serves as a second accumulator for certain arithmetic operations.
bits 7−0


Similar Part No. - MSC1201Y2

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1201Y2 BURR-BROWN-MSC1201Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1201Y2RHHR BURR-BROWN-MSC1201Y2RHHR Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1201Y2RHHR TI1-MSC1201Y2RHHR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1201Y2RHHRG4 TI1-MSC1201Y2RHHRG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
MSC1201Y2RHHT BURR-BROWN-MSC1201Y2RHHT Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1201Y2

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com