Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1200Y3 Datasheet(PDF) 64 Page - Texas Instruments

Click here to check the latest version.
Part # MSC1200Y3
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1200Y3 Datasheet(HTML) 64 Page - Texas Instruments

Back Button MSC1200Y3 Datasheet HTML 60Page - Texas Instruments MSC1200Y3 Datasheet HTML 61Page - Texas Instruments MSC1200Y3 Datasheet HTML 62Page - Texas Instruments MSC1200Y3 Datasheet HTML 63Page - Texas Instruments MSC1200Y3 Datasheet HTML 64Page - Texas Instruments MSC1200Y3 Datasheet HTML 65Page - Texas Instruments MSC1200Y3 Datasheet HTML 66Page - Texas Instruments MSC1200Y3 Datasheet HTML 67Page - Texas Instruments MSC1200Y3 Datasheet HTML 68Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
64
IDAC
7
6
5
4
3
2
1
0
Reset Value
SFR B5h
MSB
LSB
00h
IDAC
Current DAC.
bits 7−0
IDACOUT = IDAC • 3.9µA (∼1mA full-scale). Setting (PDCON.PDIDAC) will shut down IDAC and float the IDAC pin.
Interrupt Priority (IP)
7
6
5
4
3
2
1
0
Reset Value
SFR B8h
1
0
0
PS0
PT1
PX1
PT0
PX0
80h
PS0
Serial Port 0 Interrupt. This bit controls the priority of the serial Port 0 interrupt.
bit 4
0 = Serial Port 0 priority is determined by the natural priority order.
1 = Serial Port 0 is a high-priority interrupt.
PT1
Timer 1 Interrupt. This bit controls the priority of the Timer 1 interrupt.
bit 3
0 = Timer 1 priority is determined by the natural priority order.
1 = Timer 1 priority is a high-priority interrupt.
PX1
External Interrupt 1. This bit controls the priority of external interrupt 1.
bit 2
0 = External interrupt 1 priority is determined by the natural priority order.
1 = External interrupt 1 is a high-priority interrupt.
PT0
Timer 0 Interrupt. This bit controls the priority of the Timer 0 interrupt.
bit 1
0 = Timer 0 priority is determined by the natural priority order.
1 = Timer 0 priority is a high-priority interrupt.
PX0
External Interrupt 0. This bit controls the priority of external interrupt 0.
bit 0
0 = External interrupt 0 priority is determined by the natural priority order.
1 = External interrupt 0 is a high-priority interrupt.
Enable Wake Up (EWU) (Waking Up from Idle Mode)
7
6
5
4
3
2
1
0
Reset Value
SFR C6h
EWUWDT
EWUEX1
EWUEX0
00h
Auxiliary interrupts will wake up from Idle mode. They are enabled with EAI (EICON.5).
EWUWDT
Enable Wake Up Watchdog Timer. Wake using watchdog timer interrupt.
bit 2
0 = Do not wake up on watchdog timer interrupt.
1 = Wake up on watchdog timer interrupt.
EWUEX1
Enable Wake Up External 1. Wake using external interrupt source 1.
bit 1
0 = Do not wake up on external interrupt source 1.
1 = Wake up on external interrupt source 1.
EWUEX0
Enable Wake Up External 0. Wake using external interrupt source 0.
bit 0
0 = Do not wake up on external interrupt source 0.
1 = Wake up on external interrupt source 0.


Similar Part No. - MSC1200Y3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1200Y3 TI-MSC1200Y3 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y3PFBR TI-MSC1200Y3PFBR Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1200Y3PFBR TI1-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
MSC1200Y3PFBR TI-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
MSC1200Y3PFBR TI1-MSC1200Y3PFBR Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
More results

Similar Description - MSC1200Y3

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com