Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1202 Datasheet(PDF) 55 Page - Texas Instruments

Part # MSC1202
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202 Datasheet(HTML) 55 Page - Texas Instruments

Back Button MSC1202 Datasheet HTML 51Page - Texas Instruments MSC1202 Datasheet HTML 52Page - Texas Instruments MSC1202 Datasheet HTML 53Page - Texas Instruments MSC1202 Datasheet HTML 54Page - Texas Instruments MSC1202 Datasheet HTML 55Page - Texas Instruments MSC1202 Datasheet HTML 56Page - Texas Instruments MSC1202 Datasheet HTML 57Page - Texas Instruments MSC1202 Datasheet HTML 58Page - Texas Instruments MSC1202 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
55
Auxiliary Interrupt Poll (AIPOL)
7
6
5
4
3
2
1
0
Reset Value
SFR A4h
SECIP
SUMIP
ADCIP
MSECIP
I2CIP
CNTIP
ALVDIP
0
00h
Interrupts are enabled by EICON.4 (SFR D8h). The other interrupts are controlled by the IE and EIE registers.
SECIP
Second System Timer Interrupt Poll (before IRQ masking).
bit 7
0 = Second system timer interrupt poll inactive
1 = Second system timer interrupt poll active
SUMIP
Summation Interrupt Poll (before IRQ masking).
bit 6
0 = Summation interrupt poll inactive
1 = Summation interrupt poll active
ADCIP
ADC Interrupt Poll (before IRQ masking).
bit 5
0 = ADC interrupt poll inactive
1 = ADC interrupt poll active
MSECIP
Millisecond System Timer Interrupt Poll (before IRQ masking).
bit 4
0 = Millisecond system timer interrupt poll inactive
1 = Millisecond system timer interrupt poll active
I2CIP
I2C Start/Stop Interrupt Poll (before IRQ masking).
bit 3
0 = I2C start/stop interrupt poll inactive
1 = I2C start/stop interrupt poll active
CNTIP
Serial Bit Count Interrupt Poll (before IRQ masking).
bit 2
0 = Serial bit count interrupt poll inactive
1 = Serial bit count interrupt poll active
ALVDIP
Analog Low Voltage Detect Interrupt Poll (before IRQ masking).
bit 1
0 = Analog low voltage detect interrupt poll inactive (AVDD > ALVD threshold; ALVD threshold set in LVDCON, E7h)
1 = Analog low voltage detect interrupt poll active (AVDD < ALVD threshold; ALVD threshold set in LVDCON, E7h)
Pending Auxiliary Interrupt (PAI)
7
6
5
4
3
2
1
0
Reset Value
SFR A5h
0
0
0
0
PAI3
PAI2
PAI1
PAI0
00h
PAI
Pending Auxiliary Interrupt Register. The results of this register can be used as an index to vector to the
bits 3−0
appropriate interrupt routine. All of these interrupts vector through address 0033h.
PAI3
PAI2
PAI1
PAI0
AUXILIARY INTERRUPT STATUS
0
0
0
0
No Pending Auxiliary IRQ.
0
0
0
1
Reserved.
0
0
1
0
Analog Low Voltage Detect IRQ and Possible Lower Priority Pending.
0
0
1
1
I2C IRQ and Possible Lower Priority Pending.
0
1
0
0
Serial Bit Count Interrupt and Possible Lower Priority Pending.
0
1
0
1
Millisecond System Timer IRQ and Possible Lower Priority Pending.
0
1
1
0
ADC IRQ and Possible Lower Priority Pending.
0
1
1
1
Summation IRQ and Possible Lower Priority Pending.
1
0
0
0
Second System Timer IRQ.


Similar Part No. - MSC1202

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1202 TI1-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202 TI-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
Burr-Brown (TI)
MSC1202Y2 BURR-BROWN-MSC1202Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y2RHHR BURR-BROWN-MSC1202Y2RHHR Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1202

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com