Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1202 Datasheet(PDF) 34 Page - Texas Instruments

Part # MSC1202
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202 Datasheet(HTML) 34 Page - Texas Instruments

Back Button MSC1202 Datasheet HTML 30Page - Texas Instruments MSC1202 Datasheet HTML 31Page - Texas Instruments MSC1202 Datasheet HTML 32Page - Texas Instruments MSC1202 Datasheet HTML 33Page - Texas Instruments MSC1202 Datasheet HTML 34Page - Texas Instruments MSC1202 Datasheet HTML 35Page - Texas Instruments MSC1202 Datasheet HTML 36Page - Texas Instruments MSC1202 Datasheet HTML 37Page - Texas Instruments MSC1202 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
34
Unused
Unused
Serial Flash
Programming
Mode
Address
User
Application
Mode
Address(1)
Unused
1K Internal Boot ROM
0000h, 0k
NOTE: (1) Can be accessed using CADDR
or the faddr_data_read Boot ROM routine.
1FFFh, 8k (Y3)
0FFFh, 4k (Y2)
FC00h
F800h
FFFFh
FFFFh
Program
Memory
03FFh, 1k
13FFh, 5k (Y3)
0BFFh, 3k (Y2)
Data
Memory
On−Chip
Flash
On−Chip
Flash
UAM: Read Only
SFPM: Read Only
UAM: Read Only
SFPM: Read/Write
807Fh
8000h
8040h
7Fh
00h
40h
Configuration
Memory
Figure 20. Memory Map
It is important to note that the Flash Memory is readable
and writable (depending on the MXWS bit in the MWS
SFR) through the MOVX instruction when configured as
either Program or Data Memory. This flexibility means that
the device can be partitioned for maximum Flash Program
Memory size (no Flash Data Memory) and Flash Program
Memory can be used as Flash Data Memory. However,
this usage may lead to undesirable behavior if the PC
points to an area of Flash Program Memory that is being
used for data storage. Therefore, it is recommended to use
Flash partitioning when Flash Memory is used for data
storage. Flash partitioning prohibits execution of code
from Data Flash Memory. Additionally, the Program
Memory erase/write can be disabled through hardware
configuration bits (HCR0), while still providing access
(read/write/erase) to Data Flash Memory.
The effect of memory mapping on Program and Data
Memory is straightforward. The Program Memory is
decreased in size from the top of Flash Memory. To
maintain compatibility with the MSC121x, the Flash Data
Memory maps to addresses 0400h. Therefore, access to
Data Memory (through MOVX) will access Flash Memory
for the addresses shown in Table 4.
Data Memory
The MSC120x has on-chip Flash Data Memory, which is
readable and writable (depending on the Memory Write
Select register) during normal operation (full VDD range).
This memory is mapped into the external Data Memory
space, which requires the use of the MOVX instruction to
program.
CONFIGURATION MEMORY
The MSC120x Configuration Memory consists of 128
bytes of memory. In UAM, all Configuration Memory is
readable using the faddr_data_read Boot ROM routine or
CADDR register, but none of the Configuration Memory is
writable. In SFPM, all Configuration Memory is readable,
but only the lower 64 bytes (8000h−803Fh) are writable;
the upper 64 bytes (8040h−807Fh) are not writable.
Note that reading/writing configuration memory in SFPM
requires
16-bit
addressing;
whereas,
reading
configuration memory in UAM requires only 8-bit
addressing.
Lower 64 Bytes
Note that the three hardware configuration registers
(HCR0, HCR1, and HCR2) reside in the lower 64 bytes of
Configuration Memory and are located in SFPM at
addresses 0803Fh, 0803Eh, and 0803Dh, respectively.
Therefore, care should be taken when writing to
Configuration Memory so that user parameters are not
written into these locations.
Also note that if the Enable Program Memory Access bit
(HCR0.7) is cleared, Configuration Memory cannot be
changed unless all memory has been cleared with the
Mass Erase command.
Upper 64 Bytes
Information such as device trim values and device serial
number are located in the upper 64 bytes of Configuration
Memory. The locations 08050h through 08053h contain a
unique 4-byte serial number. The location 8054h contains
the temperature sensor correction value (refer to
application note SBAA126, available for download from
www.ti.com). None of these memory locations can be
altered.


Similar Part No. - MSC1202

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1202 TI1-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202 TI-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
Burr-Brown (TI)
MSC1202Y2 BURR-BROWN-MSC1202Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y2RHHR BURR-BROWN-MSC1202Y2RHHR Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1202

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com