Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1202 Datasheet(PDF) 21 Page - Texas Instruments

Part # MSC1202
Description  MSC1200 and MSC1201: 24 Bits No Missing Codes 22 Bits Effective Resolution At 10Hz
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1202 Datasheet(HTML) 21 Page - Texas Instruments

Back Button MSC1202 Datasheet HTML 17Page - Texas Instruments MSC1202 Datasheet HTML 18Page - Texas Instruments MSC1202 Datasheet HTML 19Page - Texas Instruments MSC1202 Datasheet HTML 20Page - Texas Instruments MSC1202 Datasheet HTML 21Page - Texas Instruments MSC1202 Datasheet HTML 22Page - Texas Instruments MSC1202 Datasheet HTML 23Page - Texas Instruments MSC1202 Datasheet HTML 24Page - Texas Instruments MSC1202 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
MSC1200
MSC1201
MSC1202
SBAS317E − APRIL 2004 − REVISED MAY 2006
www.ti.com
21
Furthermore, improvements were made to peripheral
features that off-load processing from the core, and the
user, to further improve efficiency. These iprovements
allow for 32-bit addition, subtraction and shifting to be
accomplished in a few instruction cycles, compared to
hundreds of instruction cycles executed through software
implementation. For instance, 32-bit accumulation can be
done through the summation register to significantly
reduce the processing overhead for multiple-byte data
from the ADC or other sources.
Family Device Compatibility
The hardware functionality and pin configuration across
the MSC120x families are fully compatible. To the user, the
only difference between family members is the memory
configuration. This design makes migration between
family members simple. Code written for the MSC1200Y2,
MSC1201Y2, or MSC1202Y2 can be executed directly on an
MSC1200Y3, MSC1201Y3, or MSC1202Y3, respectively.
(However, the ADC registers for the MSC1202 are mapped
differently than the MSC1200 or MSC1201.) This gives the
user the ability to add or subtract software functions and to
migrate between family members. Thus, the MSC120x
can become a standard device used across several
application platforms.
Family Development Tools
The MSC120x are fully compatible with the standard 8051
instruction set. This compatibility means that users can
develop software for the MSC120x with their existing 8051
development tools. Additionally, a complete, integrated
development environment is provided with each demo
board, and third-party developers also provide support.
Power-Down Modes
The MSC120x can power several of the on-chip
peripherals and put the CPU into Idle mode. This is
accomplished by shutting off the clocks to those sections,
as shown in Figure 6.
(see Figure 9)
USEC
FB
MSECH
HMSEC
FE
MSINT
FA
ACLK
F6
divide
by 64
MSECL
FD
FC
ms
µs
100ms
Flash Write
Timing
Flash Erase
Timing
WDTCON
SECINT
F9
FF
ADCON0
DC
FTCON
[3:0]
FTCON
[7:4]
EF
EF
seconds
interrupt
watchdog
f
DATA
f
SAMP
milliseconds
interrupt
ADC Output Rate
ADCON3
ADCON2
DF
DE
Decimation Ratio
SPICON/
I2CCON 9A
C7
SCL/SCK
f
CLK
(30
µsto 40µs)
(5ms to 11ms)
PDCON.0
PDCON.1
Modulator Clock
PDCON.2
PDCON.3
IDLE
CPU Clock
Timers 0/1
SYSCLK
ADC Power Down
USART0
f
MOD
f
SYS
STOP
f
OSC
Figure 6. MSC120x Timing Chain and Clock Control


Similar Part No. - MSC1202

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1202 TI1-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
MSC1202 TI-MSC1202 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
logo
Burr-Brown (TI)
MSC1202Y2 BURR-BROWN-MSC1202Y2 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y2RHHR BURR-BROWN-MSC1202Y2RHHR Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
More results

Similar Description - MSC1202

ManufacturerPart #DatasheetDescription
logo
Shenzhen TOPWAY Technol...
LMT070DICFWD-NLD TOPWAY-LMT070DICFWD-NLD Datasheet
1Mb / 12P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD-1 TOPWAY-LMT070DICFWD-AKD-1 Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE-1 TOPWAY-LMT070DICFWD-AKE-1 Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKE TOPWAY-LMT070DICFWD-AKE Datasheet
828Kb / 10P
   LVDS (JEIDA 24 bits)
LMT070DICFWD-AKD TOPWAY-LMT070DICFWD-AKD Datasheet
827Kb / 10P
   LVDS (JEIDA 24 bits)
logo
Broadcom Corporation.
AR18 BOARDCOM-AR18 Datasheet
863Kb / 16P
   Miniature Programmable Single-Turn Absolute Encoder with Resolution Ranging from 17 bits to 21 Bits
logo
Elpida Memory
EDS1232ECBH-9ATT ELPIDA-EDS1232ECBH-9ATT Datasheet
747Kb / 50P
   128M bits SDRAM 128M bits SDRAM
logo
List of Unclassifed Man...
71404 ETC2-71404 Datasheet
452Kb / 2P
   Phillips Bits
logo
Elpida Memory
EDS2532AABJ-6B ELPIDA-EDS2532AABJ-6B Datasheet
614Kb / 48P
   256M bits SDRAM (8M words 짰32 bits)
EDS1232AASE ELPIDA-EDS1232AASE Datasheet
581Kb / 53P
   128M bits SDRAM (4M words x 32 bits)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com