Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7850 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7850
Description  ADSxx50 Dual, 750-kSPS, 16-, 14-, and 12-Bit, Simultaneous-Sampling Analog-to-Digital Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7850 Datasheet(HTML) 3 Page - Texas Instruments

  ADS7850 Datasheet HTML 1Page - Texas Instruments ADS7850 Datasheet HTML 2Page - Texas Instruments ADS7850 Datasheet HTML 3Page - Texas Instruments ADS7850 Datasheet HTML 4Page - Texas Instruments ADS7850 Datasheet HTML 5Page - Texas Instruments ADS7850 Datasheet HTML 6Page - Texas Instruments ADS7850 Datasheet HTML 7Page - Texas Instruments ADS7850 Datasheet HTML 8Page - Texas Instruments ADS7850 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
REFIN-A
REFGND-A
REFGND-B
REFIN-B
SDO-B
SDO-A
SCLK
CS
1
2
3
4
12
11
10
9
Thermal
Pad
ADS8350, ADS7850, ADS7250
www.ti.com
SBAS580C – MAY 2013 – REVISED JUNE 2014
5 Pin Configuration and Functions
RTE Package
WQFN-16
(Top View)
Pin Functions
PIN
NAME
NO.
I/O
DESCRIPTION
AINM-A
16
Analog input
Negative analog input, ADC_A
AINM-B
5
Analog input
Negative analog input, ADC_B
AINP-A
15
Analog input
Positive analog input, ADC_A
AINP-B
6
Analog input
Positive analog input, ADC_B
AVDD
14
Supply
ADC supply voltage
CS
9
Digital input
Chip-select signal; active low
DVDD
7
Supply
Digital I/O supply
GND
8, 13
Supply
Device ground
REFGND-A
2
Supply
Reference ground potential, ADC_A
REFGND-B
3
Supply
Reference ground potential, ADC_B
REFIN-A
1
Analog input
Reference voltage input, ADC_A
REFIN-B
4
Analog input
Reference voltage input, ADC_B
SCLK
10
Digital input
Serial communication clock
SDO-A
11
Digital output
Data output for serial communication, ADC_A
SDO-B
12
Digital output
Data output for serial communication, ADC_B
Exposed thermal pad. TI recommends connecting thermal pad to the printed circuit
Thermal pad
Supply
board (PCB) ground.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADS8350 ADS7850 ADS7250


Similar Part No. - ADS7850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7851 TI1-ADS7851 Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851IRTER TI1-ADS7851IRTER Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851IRTET TI1-ADS7851IRTET Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
ADS7851RTE TI1-ADS7851RTE Datasheet
1Mb / 38P
[Old version datasheet]   ADS7x51 12-Bit, 2-MSPS and 14-Bit, 1.5-MSPS, Dual, Differential Input, Simultaneous- Sampling, Analog-to-Digital Converters with Internal Reference
logo
Burr-Brown (TI)
ADS7852 BURR-BROWN-ADS7852 Datasheet
148Kb / 13P
   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS7850

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8528 TI1-ADS8528 Datasheet
1Mb / 51P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI-ADS8556 Datasheet
896Kb / 40P
[Old version datasheet]   16-14-12-Bit Six-Channel Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS8528 TI1-ADS8528_14 Datasheet
1Mb / 52P
[Old version datasheet]   12-, 14-, 16-Bit, Eight-Channel, Simultaneous Sampling ANALOG-TO-DIGITAL CONVERTERS
V6203609-01XE TI-V6203609-01XE Datasheet
750Kb / 43P
[Old version datasheet]   12-BIT 6MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI-THS12082 Datasheet
517Kb / 38P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS8556 TI1-ADS8556 Datasheet
1Mb / 47P
[Old version datasheet]   12-Bit, Six-Channel, Simultaneous Sampling Analog-to-Digital Converters
THS1206 TI-THS1206 Datasheet
564Kb / 41P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS1206-EP TI1-THS1206-EP Datasheet
782Kb / 43P
[Old version datasheet]   12-BIT 6 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
THS12082 TI1-THS12082_09 Datasheet
822Kb / 42P
[Old version datasheet]   12-BIT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTERS
ADS1174 TI1-ADS1174_08 Datasheet
973Kb / 39P
[Old version datasheet]   Quad/Octal, Simultaneous Sampling, 16-Bit Analog-to-Digital Converters
SEPTEMBER2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com