Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ4681 Datasheet(PDF) 2 Page - General Semiconductor

Part No. MMBZ4681
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo GE - General Semiconductor

MMBZ4681 Datasheet(HTML) 2 Page - General Semiconductor

  MMBZ4681 Datasheet HTML 1Page - General Semiconductor MMBZ4681 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBZ4681
CF
2.4
2.28
2.52
2.0
1.0
MMBZ4682
CH
2.7
2.57
2.84
1.0
1.0
MMBZ4683
CJ
3.0
2.85
3.15
0.8
1.0
MMBZ4684
CK
3.3
3.14
3.47
7.5
1.5
MMBZ4685
CM
3.6
3.42
3.78
7.5
2.0
MMBZ4686
CN
3.9
3.71
4.10
5.0
2.0
MMBZ4687
CP
4.3
4.09
4.52
4.0
2.0
MMBZ4688
CT
4.7
4.47
4.94
10.0
3.0
MMBZ4689
CU
5.1
4.85
5.36
10.0
3.0
MMBZ4690
CV
5.6
5.32
5.88
10.0
4.0
MMBZ4691
CA
6.2
5.89
6.51
10.0
5.0
MMBZ4692
CX
6.8
6.46
7.14
10.0
5.1
MMBZ4693
CY
7.5
7.13
7.88
10.0
5.7
MMBZ4694
CZ
8.2
7.79
8.61
1.0
6.2
MMBZ4695
DC
8.7
8.27
9.14
1.0
6.6
MMBZ4696
DD
9.1
8.65
9.56
1.0
6.9
MMBZ4697
DE
10.0
9.50
10.5
1.0
7.6
MMBZ4698
DF
11.0
10.50
11.6
0.05
8.4
MMBZ4699
DH
12.0
11.40
12.6
0.05
9.1
MMBZ4700
DJ
13.0
12.40
13.7
0.05
9.8
MMBZ4701
DK
14.0
13.30
14.7
0.05
10.6
MMBZ4702
DM
15.0
14.30
15.8
0.05
11.4
MMBZ4703
DN
16.0
15.20
16.8
0.05
12.1
MMBZ4704
DP
17.0
16.20
17.9
0.05
12.9
MMBZ4705
DT
18.0
17.10
18.9
0.05
13.6
MMBZ4706
DU
19.0
18.10
20.0
0.05
14.4
MMBZ4707
DV
20.0
19.00
21.0
0.01
15.2
MMBZ4708
DA
22.0
20.90
23.1
0.01
16.7
MMBZ4709
DZ
24.0
22.80
25.2
0.01
18.2
MMBZ4710
DY
25.0
23.80
26.3
0.01
19.0
MMBZ4711
EA
27.0
25.70
28.4
0.01
20.4
MMBZ4712
EC
28.0
26.60
29.4
0.01
21.2
MMBZ4713
ED
30.0
28.50
31.5
0.01
22.8
MMBZ4714
EE
33.0
31.40
34.7
0.01
25.0
MMBZ4715
EF
36.0
34.20
37.8
0.01
27.3
MMBZ4716
EH
39.0
37.10
41.0
0.01
29.6
MMBZ4717
EJ
43.0
40.90
45.2
0.01
32.6
MMBZ4681 THRU MMBZ4717
ELECTRICAL CHARACTERISTICS
Type
Marking
Code
NOTES:
(1) Tested with pulse test current
Test Voltage
VR
(Volts)
Norm(1)
Min
Max
Max Reverse
Current IR
(
µA)
Zener Voltage(1)
VZ @ IZT = 50
µA (Volts)
(TA = 25°C unless otherwise noted)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1SMA5913BT3PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS 1 2 3 4 5 MoreMotorola, Inc
RD120SZENER DIODES 200 mW 2 PINS SUPER MINI MOLD 1 2 3 4 5 MoreNEC
MMSZ5221BSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
CDLL3016B1 WATT ZENER DIODES 1 2 Compensated Deuices Incorporated
ZMM10.5W SILICON PLANAR ZENER DIODES 1 2 3 4 5 MoreShanghai Lunsure Electronic Tech
1N5913ASILICON ZENER DIODES 1 2 EIC discrete Semiconductors
SZ553JSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
1N746ZENER DIODES 1 2 General Semiconductor
BZY97-C11ZENER DIODES 1 2 3 4 5 General Semiconductor
MMBZ5225ZENER DIODES 1 2 General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn