Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBZ4681 Datasheet(PDF) 1 Page - General Semiconductor

Part No. MMBZ4681
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo GE - General Semiconductor

MMBZ4681 Datasheet(HTML) 1 Page - General Semiconductor

  MMBZ4681 Datasheet HTML 1Page - General Semiconductor MMBZ4681 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMBZ4681 THRU MMBZ4717
ZENER DIODES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table “Characteristics”)
Power Dissipation at TA = 25°C
Ptot
350(1)
mW
Maximum Junction Temperature
Tj
150
°C
Storage Temperature Range
TS
–55 to +150
°C
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance
R
ΘJA
420(1)
°C/W
Junction to Ambient Air
Forward Voltage at IF = 10 mA
VF
0.9
Volts
NOTES:
(1) On FR-5 board using recommended solder pad layout.
12/2/98
Dimensions in inches and (millimeters)
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
SOT-23
FEATURES
♦ Silicon Planar Zener Diodes
♦ Standard Zener voltage tolerance is
±5%. Other tolerances are available upon
request
♦ High temperature soldering guaranteed:
250°C/10 seconds at terminals.
♦ These diodes are also available in DO-35 case with the
type designation 1N4681 ... 1N4717 and SOD-123 case
with the type designation MMSZ4681 ... MMSZ4717.
MECHANICAL DATA
Case: SOT-23 Plastic Package
Weight: approx. 0.008 g
Terminals: Solderable per MIL-STD-750, method 2026.
ADVANCED INFORMATION


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1SMA5913BT3PLASTIC SURFACE MOUNT ZENER DIODES 1.5 WATTS 3.3-68 VOLTS 1 2 3 4 5 MoreMotorola, Inc
RD120SZENER DIODES 200 mW 2 PINS SUPER MINI MOLD 1 2 3 4 5 MoreNEC
MMSZ5221BSURFACE MOUNT SILICON ZENER DIODES 1 2 3 4 5 Pan Jit International Inc.
CDLL3016B1 WATT ZENER DIODES 1 2 Compensated Deuices Incorporated
ZMM10.5W SILICON PLANAR ZENER DIODES 1 2 3 4 5 MoreShanghai Lunsure Electronic Tech
1N5913ASILICON ZENER DIODES 1 2 EIC discrete Semiconductors
SZ553JSURFACE MOUNT SILICON ZENER DIODES 1 2 EIC discrete Semiconductors
1N746ZENER DIODES 1 2 General Semiconductor
BZY97-C11ZENER DIODES 1 2 3 4 5 General Semiconductor
MMBZ5225ZENER DIODES 1 2 General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn