Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS4128 Datasheet(PDF) 47 Page - Texas Instruments

Part # ADS4128
Description  12-Bit, 200-MSPS, Ultralow-Power ADC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS4128 Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS4128_14 Datasheet HTML 43Page - Texas Instruments ADS4128_14 Datasheet HTML 44Page - Texas Instruments ADS4128_14 Datasheet HTML 45Page - Texas Instruments ADS4128_14 Datasheet HTML 46Page - Texas Instruments ADS4128_14 Datasheet HTML 47Page - Texas Instruments ADS4128_14 Datasheet HTML 48Page - Texas Instruments ADS4128_14 Datasheet HTML 49Page - Texas Instruments ADS4128_14 Datasheet HTML 50Page - Texas Instruments ADS4128_14 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
ADS4128
www.ti.com
SBAS578 – MAY 2012
OFFSET CORRECTION
The ADS4128 has an internal offset correction algorithm that estimates and corrects dc offset up to ±10 mV. The
correction can be enabled using the EN OFFSET CORR serial register bit. Once enabled, the algorithm
estimates the channel offset and applies the correction every clock cycle. The correction loop time constant is a
function of the sampling clock frequency. The time constant can be controlled using the OFFSET CORR TIME
CONSTANT register bits, as described in Table 13.
Table 13. Offset Correction Loop Time Constant
TIME CONSTANT, TCCLK
OFFSET CORR TIME CONSTANT
(Number of Clock Cycles)
TIME CONSTANT, TCCLK × 1/fS (sec)
(1)
0000
1 M
4 ms
0001
2 M
8 ms
0010
4 M
16.7 ms
0011
8 M
33.5 ms
0100
16 M
67 ms
0101
32 M
134 ms
0110
64 M
268 ms
0111
128 M
537 ms
1000
256 M
1.1 s
1001
512 M
2.15 s
1010
1 G
4.3 s
1011
2 G
8.6 s
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
(1)
Sampling frequency, fS = 200 MSPS.
After the offset is estimated, the correction can be frozen by setting FREEZE OFFSET CORR = 1. Once frozen,
the last estimated value is used for every clock cycle offset correction. Note that offset correction is disabled by
default after reset.
After a reset, the device is in low-latency mode and offset correction is disabled. To use offset correction:
First, disable low-latency mode (DIS LOW LATENCY = 1).
Then set EN OFFSET CORR to '1' and program the required time constant.
POWER DOWN
The ADS4128 has three power-down modes: power-down global, standby, and output buffer disable.
Power-Down Global
In this mode, the entire chip (including the ADC, internal reference, and the output buffers) are powered down,
resulting in reduced total power dissipation of approximately 10 mW. The output buffers are in a high-impedance
state. The wake-up time from the global power-down to data becoming valid in normal mode is typically 100 µs.
To enter the global power-down mode, set the PDN GLOBAL register bit.
Standby
In this mode, only the ADC is powered down and the internal references are active, resulting in a fast wake-up
time of 5 µs. The total power dissipation in standby mode is approximately 185 mW. To enter standby mode, set
the STBY register bit.
Output Buffer Disable
The output buffers can be disabled and put in a high-impedance state; wakeup time from this mode is fast,
approximately 100 ns. This mode can be controlled by using the PDN OBUF register bit or the OE pin.
Copyright © 2012, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): ADS4128


Similar Part No. - ADS4128_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
More results

Similar Description - ADS4128_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS4128 TI1-ADS4128_16 Datasheet
2Mb / 57P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4128 TI-ADS4128 Datasheet
1Mb / 61P
[Old version datasheet]   12-Bit, 200-MSPS, Ultralow-Power ADC
ADS4229 TI1-ADS4229_14 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229 TI1-ADS4229 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
OCTOBER2011
ADS4229 TI1-ADS4229_15 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
ADS4229IRGC25 TI1-ADS4229IRGC25 Datasheet
1Mb / 67P
[Old version datasheet]   Dual-Channel, 12-Bit, 250-MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091 AD-AD7091 Datasheet
448Kb / 20P
   1 MSPS, Ultralow Power, 12-Bit ADC in 8-Lead LFCSP
REV. A
logo
Texas Instruments
ADS42B49 TI1-ADS42B49 Datasheet
1Mb / 65P
[Old version datasheet]   250-MSPS Ultralow-Power ADC
ADS4222 TI1-ADS4222_15 Datasheet
3Mb / 88P
[Old version datasheet]   Dual-Channel, 14-/12-Bit, 160/125/65 MSPS Ultralow-Power ADC
logo
Analog Devices
AD7091R-2 AD-AD7091R-2 Datasheet
861Kb / 42P
   2-/4-/8-Channel, 1 MSPS, Ultralow Power, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com