Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT3906 Datasheet(PDF) 3 Page - General Semiconductor

Part No. MMBT3906
Description  SMALL SIGNAL TRANSISTORS (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

MMBT3906 Datasheet(HTML) 3 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MMBT3906
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
MAX.
UNIT
Voltage Feedback Ratio
at ÐVCE = 10 V, ÐIC = 1 mA, f = 1 kHz
hre
0.5 á 10Ð4
8 á 10Ð4
Ð
Small Signal Current Gain
at ÐVCE = 10 V, ÐIC = 1 mA, f = 1 kHz
hfe
100
400
Ð
Output Admittance
at ÐVCE = 1 V, ÐIC = 1 mA, f = 1 kHz
hoe
140
mS
Noise Figure
at ÐVCE = 5 V, ÐIC = 100
mA, RG = 1 kW,
f = 10 É 15 000 Hz
NF
Ð
4
dB
Delay Time (see Fig. 1)
at ÐIB1 = 1 mA, ÐIC = 10 mA
td
Ð35
ns
Rise Time (see Fig. 1)
at ÐIB1 = 1 mA, ÐIC = 10 mA
tr
Ð35
ns
Storage Time (see Fig. 2)
at IB1 = ÐIB2 = 1 mA, ÐIC = 10 mA
ts
Ð
225
ns
Fall Time (see Fig. 2)
at IB1 = ÐIB2 = 1 mA, ÐIC = 10 mA
tf
Ð75
ns
Fig. 2: Test circuit for storage and fall time
* total shunt capacitance of test jig and connectors
Fig. 1: Test circuit for delay and rise time
* total shunt capacitance of test jig and connectors
0.59 (15)
0.2 (5)
0.03 (0.8)
0.30 (7.5)
0.12 (3)
.04 (1)
0.06 (1.5)
0.20 (5.1)
.08 (2)
.08 (2)
.04 (1)
0.47 (12)
Dimensions in inches and (millimeters)


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC807Small Signal Transistors PNP 1 2 3 4 5 General Semiconductor
2N3707NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1 2 Micro Electronics
CP592VSmall Signal Transistors PNP - Amp/Switch Transistor Chip 1 2 Central Semiconductor Corp
CP741VSmall Signal Transistors PNP - Low VCE SAT Transistor Chip 1 Central Semiconductor Corp
2N2905ASMALL SIGNAL PNP TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BC856Small Signal Transistors PNP 1 2 3 4 5 MoreGeneral Semiconductor
CP593Small Signal Transistors PNP - Amp/Switch Transistor Chip 1 Central Semiconductor Corp
CP753VSmall Signal Transistors PNP - High Current Transistor Chip 1 Central Semiconductor Corp
BF421Small Signal Transistors PNP 1 2 General Semiconductor
2N5322SMALL SIGNAL PNP TRANSISTORS 1 2 3 4 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn