Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT3906 Datasheet(PDF) 1 Page - General Semiconductor

Part No. MMBT3906
Description  SMALL SIGNAL TRANSISTORS (PNP)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

MMBT3906 Datasheet(HTML) 1 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MMBT3906
SMALL SIGNAL TRANSISTORS (PNP)
FEATURES
¨ PNP Silicon Epitaxial Planar Transistor
for switching and amplifier applications.
¨ As complementary type, the NPN
transistor MMBT3904 is recommended.
¨ This transistor is also available in the TO-92 case with
the type designation 2N3906.
MECHANICAL DATA
Case: SOT-23 Plastic Package
Weight: approx. 0.008g
Marking code: 2A
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
VALUE
UNIT
Collector-Base Voltage
ÐVCBO
40
V
Collector-Emitter Voltage
ÐVCEO
40
V
Emitter-Base Voltage
ÐVEBO
5.0
V
Collector Current
ÐIC
200
mA
Power Dissipation at TA = 25 ¡C
Ptot
225(1)
mW
300(2)
mW
Thermal Resistance Junction to Substrate Backside
RqSB
320(1)
¡C/W
Thermal Resistance Junction to Ambient Air
RqJA
450(1)
¡C/W
Junction Temperature
Tj
150
¡C
Storage Temperature Range
TS
Ð55 to +150
¡C
NOTES:
(1) Device on fiberglass subtrate, see layout
(2) Device on alumina substrate
.016 (0.4)
.037(0.95) .037(0.95)
.122 (3.1)
.016 (0.4)
.016 (0.4)
1
2
3
Top View
.102 (2.6)
.118 (3.0)
.094 (2.4)
SOT-23
1/5/99
Dimensions in inches and (millimeters)
Pin configuration
1 = Base, 2 = Emitter, 3 = Collector.
NEW PRODUCT
NEW PRODUCT
NEW PRODUCT


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC807Small Signal Transistors PNP 1 2 3 4 5 General Semiconductor
2N3707NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1 2 Micro Electronics
CP592VSmall Signal Transistors PNP - Amp/Switch Transistor Chip 1 2 Central Semiconductor Corp
CP741VSmall Signal Transistors PNP - Low VCE SAT Transistor Chip 1 Central Semiconductor Corp
2N2905ASMALL SIGNAL PNP TRANSISTORS 1 2 3 4 5 MoreSTMicroelectronics
BC856Small Signal Transistors PNP 1 2 3 4 5 MoreGeneral Semiconductor
CP593Small Signal Transistors PNP - Amp/Switch Transistor Chip 1 Central Semiconductor Corp
CP753VSmall Signal Transistors PNP - High Current Transistor Chip 1 Central Semiconductor Corp
BF421Small Signal Transistors PNP 1 2 General Semiconductor
2N5322SMALL SIGNAL PNP TRANSISTORS 1 2 3 4 STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn