Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMBT3904 Datasheet(PDF) 2 Page - General Semiconductor

Part No. MMBT3904
Description  Small Signal Transistors (NPN)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GE [General Semiconductor]
Homepage  http://www.vishay.com
Logo 

MMBT3904 Datasheet(HTML) 2 Page - General Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS
Ratings at 25¡C ambient temperature unless otherwise specified
SYMBOL
MIN.
MAX.
UNIT
Collector-Base Breakdown Voltage
at IC = 10
mA, IE = 0
V(BR)CBO
60
Ð
V
Collector-Emitter Breakdown Voltage
at IC = 1 mA, IB = 0
V(BR)CEO
40
Ð
V
Emitter-Base Breakdown Voltage
at IE = 10
mA, IC = 0
V(BR)EBO
6.0
Ð
V
Collector Saturation Voltage
at IC = 10 mA, IB = 1 mA
VCEsat
Ð
0.2
V
at IC = 50 mA, IB = 5 mA
VCEsat
Ð
0.3
V
Base Saturation Voltage
at IC = 10 mA, IB = 1 mA
VBEsat
Ð
0.85
V
at IC = 50 mA, IB = 5 mA
VBEsat
Ð
0.95
V
Collector-Emitter Cutoff Current
VEB = 3 V, VCE = 30 V
ICEV
Ð50
nA
Emitter-Base Cutoff Current
VEB = 3 V, VCE = 30 V
IEBV
Ð50
nA
DC Current Gain
at VCE = 1 V, IC = 0.1 mA
hFE
40
Ð
Ð
at VCE = 1 V, IC = 1 mA
hFE
70
Ð
Ð
at VCE = 1 V, IC = 10 mA
hFE
100
300
Ð
at VCE = 1 V, IC = 50 mA
hFE
60
Ð
Ð
at VCE = 1 V, IC = 100 mA
hFE
30
Ð
Ð
Input Impedance
at VCE = 10 V, IC = 1 mA, f = 1 kHz
hie
110
k
W
Gain-Bandwidth Product
at VCE = 20 V, IC = 10 mA, f = 100 MHz
fT
300
Ð
MHz
Collector-Base Capacitance
at VCB = 5 V, f = 100 kHz
CCBO
Ð4
pF
Emitter-Base Capacitance
at VEB = 0.5 V, f = 100 kHz
CEBO
Ð8
pF
MMBT3904


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BC846Small Signal Transistors NPN 1 2 3 4 5 MoreGeneral Semiconductor
2N917Small Signal NPN Transistors / Dual Transistors 1 Central Semiconductor Corp
BF420Small Signal Transistors NPN 1 2 General Semiconductor
BC847SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics
BF820Small Signal Transistors NPN 1 2 General Semiconductor
BCW66SMALL SIGNAL NPN TRANSISTORS 1 2 3 4 STMicroelectronics
CP316VSmall Signal Transistors NPN - High Voltage Transistor Chip 1 2 Central Semiconductor Corp
2N3707NPN/PNP SILICON AF SMALL SIGNAL TRANSISTORS 1 2 Micro Electronics
MMBT4401SMALL SIGNAL TRANSISTORS NPN 1 2 3 General Semiconductor
MMBTA06Small Signal Transistors NPN 1 2 General Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn