Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3SK252 Datasheet(PDF) 3 Page - NEC

Part # 3SK252
Description  RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

3SK252 Datasheet(HTML) 3 Page - NEC

  3SK252 Datasheet HTML 1Page - NEC 3SK252 Datasheet HTML 2Page - NEC 3SK252 Datasheet HTML 3Page - NEC 3SK252 Datasheet HTML 4Page - NEC 3SK252 Datasheet HTML 5Page - NEC 3SK252 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3SK252
3
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS – Drain to Source Voltage – V
DRAIN CURRENT vs.
GATE1 TO SOURCE VOLTAGE
VG1S – Gate1 to Source Voltage – V
0
FORWARD TRANSFER ADMITTANCE vs.
GATE1 TO SOURCE VOLTAGE
VG1S – Gate1 to Source Voltage – V
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID – Drain Current – mA
INPUT CAPACITANCE vs.
GATE2 TO SOURCE VOLTAGE
VG2S – Gate2 to Source Voltage – V
VG2S = 3 V
VG1S = 1.6 V
0
5
10
15
20
25
510
VDS = 3.5 V
VG2S = 3.5 V
5
10
15
20
25
0.5
1.0
1.5
2.0
2.5
VDS = 3.5 V
f = 1 kHz
0
8
16
24
32
40
0.5
1.0
1.5
2.0
2.5
VDS = 3.5 V
f = 1 kHz
0
8
16
24
32
40
VG2S = 3.5 V
3.0 V
2.5 V
1.5 V
1.0 V
ID = 7 mA
(at VDS = 3.5 V,
VG2S = 3 V)
f = 1 MHz
–1.0
0
1.0
2.0
3.0
4.0
1.0
2.0
3.0
4.0
3.0 V
2.5 V
2.0 V
1.5 V
1.0 V
VG2S = 3.5 V
2.0 V
5.0
0
1.4 V
1.2 V
1.0 V
0.8 V
0.6 V
3.0 V
2.5 V
2.0 V
1.5 V
1.0 V
4
8
12
16
20
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
0
100
25
50
75
100
125
200
300
400


Similar Part No. - 3SK252

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
3SK252 RENESAS-3SK252 Datasheet
208Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1993
More results

Similar Description - 3SK252

ManufacturerPart #DatasheetDescription
logo
NEC
3SK223 NEC-3SK223 Datasheet
57Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK254 NEC-3SK254 Datasheet
55Kb / 6P
   RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK253 NEC-3SK253 Datasheet
52Kb / 6P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK176A NEC-3SK176A Datasheet
57Kb / 6P
   RF AMP. AND MIXER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK255 NEC-3SK255 Datasheet
54Kb / 8P
   RF AMPLIFIER FOR UHF TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS SUPER MINI MOLD
3SK224 NEC-3SK224 Datasheet
53Kb / 6P
   RF AMPLIFIER FOR UHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK222 NEC-3SK222 Datasheet
58Kb / 6P
   RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK134B NEC-3SK134B Datasheet
48Kb / 5P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
3SK135A NEC-3SK135A Datasheet
52Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL SILICON DUAL-GATE MOS FIELD-EFFECT TRANSISTOR 4PIN MINI MOLD
3SK177 NEC-3SK177 Datasheet
59Kb / 6P
   RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIELD-EFFECT TRANSISTOR 4 PIN MINI MOLD
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com