Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1131 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1131
Description  18-Bit Analog-to-Digital Converter for Bridge Sensors
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1131 Datasheet(HTML) 4 Page - Texas Instruments

  ADS1131 Datasheet HTML 1Page - Texas Instruments ADS1131 Datasheet HTML 2Page - Texas Instruments ADS1131 Datasheet HTML 3Page - Texas Instruments ADS1131 Datasheet HTML 4Page - Texas Instruments ADS1131 Datasheet HTML 5Page - Texas Instruments ADS1131 Datasheet HTML 6Page - Texas Instruments ADS1131 Datasheet HTML 7Page - Texas Instruments ADS1131 Datasheet HTML 8Page - Texas Instruments ADS1131 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ADS1131
SBAS449C – JULY 2009 – REVISED OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Minimum/maximum limit specifications apply from –40°C to +85°C. Typical specifications at +25°C.
All specifications at AVDD = DVDD = VREFP = +5V, and VREFN = GND, unless otherwise noted.
ADS1131
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
POWER SUPPLY
Power-supply voltage (AVDD, DVDD)
3
5.3
V
Normal mode, AVDD = 3V
900
μA
Normal mode, AVDD = 5V
900
μA
Analog supply current
Standby mode
0.1
μA
Power-down
0.1
μA
Normal mode, DVDD = 3V
60
μA
Normal mode, DVDD = 5V
95
μA
Digital supply current
Standby mode, SCLK = high, DVDD = 3V
45
μA
Standby mode, SCLK = high, DVDD = 5V
65
μA
Power-down
0.2
μA
Normal mode, AVDD = DVDD = 3V
2.9
mW
Power dissipation, total
Normal mode, AVDD = DVDD = 5V
5.0
mW
TEMPERATURE
Operating temperature range
–40
+85
°C
Specified temperature range
–40
+85
°C
THERMAL INFORMATION
ADS1131D
THERMAL METRIC(1)
D
UNITS
16 PINS
θJA
Junction-to-ambient thermal resistance
133.8
θJC(top)
Junction-to-case(top) thermal resistance
71.4
θJB
Junction-to-board thermal resistance
60.0
°C/W
ψJT
Junction-to-top characterization parameter
17.4
ψJB
Junction-to-board characterization parameter
53.3
θJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
4
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: ADS1131


Similar Part No. - ADS1131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131 TI1-ADS1131 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI-ADS1131ID Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1131ID TI1-ADS1131ID Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
More results

Similar Description - ADS1131

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1130 TI1-ADS1130_13 Datasheet
820Kb / 17P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI1-ADS1131_12 Datasheet
600Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1130 TI1-ADS1130 Datasheet
780Kb / 16P
[Old version datasheet]   18-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1131 TI-ADS1131 Datasheet
624Kb / 20P
[Old version datasheet]   18-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
logo
Burr-Brown (TI)
ADS1230 BURR-BROWN-ADS1230 Datasheet
501Kb / 25P
   20-Bit Analog-to-Digital Converter For Bridge Sensors
logo
Texas Instruments
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1230 TI1-ADS1230_17 Datasheet
1Mb / 30P
[Old version datasheet]   20-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
[Old version datasheet]   24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
[Old version datasheet]   24-Bit Analog-to-Digital Converter For Bridge Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com