Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTK5N250 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXTK5N250
Description  N-Channel Enhancement Mode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTK5N250 Datasheet(HTML) 1 Page - IXYS Corporation

  IXTK5N250 Datasheet HTML 1Page - IXYS Corporation IXTK5N250 Datasheet HTML 2Page - IXYS Corporation IXTK5N250 Datasheet HTML 3Page - IXYS Corporation IXTK5N250 Datasheet HTML 4Page - IXYS Corporation IXTK5N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2010 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
2500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
2500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C
5
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
20
A
I
A
T
C = 25°C
2.5
A
E
AS
T
C = 25°C
2.5
J
P
D
T
C = 25°C
960
W
T
J
-55 to +150
°C
T
JM
150
°C
T
stg
-55 to +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Torque (TO-264)
1.13/10
Nm/lb.in.
F
C
Mounting Force
(PLUS247)
20..120 /4.5..27
N/lb.
Weight
TO-264
10
g
PLUS247
6
g
High Voltage Power
MOSFET w/ Extended
FBSOA
IXTK5N250
IXTX5N250
N-Channel Enhancement Mode
Avalanche Rated
Guaranteed FBSOA
V
DSS
= 2500V
I
D25
= 5A
R
DS(on)
< 8.8
Ω
Ω
Ω
Ω
Ω
DS100280(08/10)
Features
Avalanche Rated
Fast Intrinsic Diode
Guaranteed FBSOA at 75
°C
Low Package Inductance
Advantages
Easy to Mount
Space Savings
Applications
High Voltage Power Supplies
Capacitor Discharge
Pulse Circuits
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 1mA
2500
V
V
GS(th)
V
DS = VGS, ID = 1mA
2.0
5.0
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = 2kV, VGS = 0V
50
μA
T
J = 125°C
4 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
8.8
Ω
Advance Technical Information
G = Gate
D
= Drain
S = Source
Tab = Drain
PLUS247 (IXTX)
Tab
G
D
S
TO-264 (IXTK)
S
G
D
Tab


Similar Part No. - IXTK5N250

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTK550N055T2 IXYS-IXTK550N055T2 Datasheet
189Kb / 6P
   N-Channel Enhancement Mode Avalanche Rated Fast Intrinsic Diode
More results

Similar Description - IXTK5N250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com