Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLVBA Datasheet(PDF) 4 Page - Marktech Corporate

Part # CLVBA
Description  PLCC4 3 in 1 SMD LED
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLVBA Datasheet(HTML) 4 Page - Marktech Corporate

  CLVBA Datasheet HTML 1Page - Marktech Corporate CLVBA Datasheet HTML 2Page - Marktech Corporate CLVBA Datasheet HTML 3Page - Marktech Corporate CLVBA Datasheet HTML 4Page - Marktech Corporate CLVBA Datasheet HTML 5Page - Marktech Corporate CLVBA Datasheet HTML 6Page - Marktech Corporate CLVBA Datasheet HTML 7Page - Marktech Corporate CLVBA Datasheet HTML 8Page - Marktech Corporate CLVBA Datasheet HTML 9Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
4
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
4
Cree PLCC4 3 in 1 SMD LED
CLVBA-FKA
ORDER CODE TABLE*
Kit Number
Color
Luminous Intensity (mcd)
Dominant Wavelength (nm)
Package
Min.
Max.
CLVBA-FKA-CAEDH8BBB7a363
Red
71
224
RB
Reel
Green
140
450
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
36
112
Any 1 hue bin from B3(460) - B6(480)
Reel
CLVBA-FKA-CA1D181BB7R3R3
Red
Any 1 Intensity bin from A(71) - E(224)
RB
Reel
Green
Any 1 Intensity bin from D(140) - H(450)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from L8(36) - B(112)
Any 1 hue bin from B3(460) - B6(480)
Reel
CLVBA-FKA-CC1F1L1BB7R3R3
Red
Any 1 Intensity bin from C(112) - E(224)
RB
Reel
Green
Any 1 Intensity bin from F(224) - H(450)
Any 1 hue bin from G7(520) - Ga(540)
Reel
Blue
Any 1 Intensity bin from L(56) - B(112)
Any 1 hue bin from B3(460) - B6(480)
Reel
Notes:
1. The above kit numbers represent the order codes which include multiple intensity-bin and color-bin codes.Only one
intensity-bin code and one color-bin code will be shipped on each reel. Single intensity-bin code and single color-
bin code will be orderable in certain quantities.
2. For example, any 1 intensity-bin from A - E means only 1 intensity-bin (A or B or C or D or E) will be shipped by Cree.
3. For example, any 1 color-bin from G7 - Ga means only 1 color-bin (G7 or G8 or G9 or Ga) will be shipped by Cree.
4. Please refer to the “Cree LED Lamp Reliability Test Standards” document for reliability test conditions.
5. Please refer to the “Cree LED Lamp Soldering & Handling” document for information about how to use this LED
product safely.


Similar Part No. - CLVBA

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLVBA-FKA CREE-CLVBA-FKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CA1D181BB7D3D3 CREE-CLVBA-FKA-CA1D181BB7D3D3 Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CAEDH8BBB7a363 CREE-CLVBA-FKA-CAEDH8BBB7a363 Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLVBA-FKA-CC1F1L1BB7D3D3 CREE-CLVBA-FKA-CC1F1L1BB7D3D3 Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
More results

Similar Description - CLVBA

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLV1A MARKTECH-CLV1A_15 Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLV1A MARKTECH-CLV1A Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLVBA MARKTECH-CLVBA_15 Datasheet
1,000Kb / 10P
   PLCC4 3 in 1 SMD LED
logo
Cree, Inc
CLV1A-FKB CREE-CLV1A-FKB Datasheet
527Kb / 9P
   PLCC4 3 in 1 SMD LED
CLMXB-FKA CREE-CLMXB-FKA Datasheet
1Mb / 11P
   Cree짰 PLCC4 3 in 1 SMD LED
CLVBAFKA CREE-CLVBAFKA Datasheet
973Kb / 10P
   Cree PLCC4 3-in-1 SMD LED
CLV1L-FKB CREE-CLV1L-FKB Datasheet
930Kb / 9P
   Cree PLCC4 3 in 1 SMD LED
CLMVB-FKA CREE-CLMVB-FKA Datasheet
934Kb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMUC-FKA CREE-CLMUC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
CLMVC-FKA CREE-CLMVC-FKA Datasheet
1Mb / 10P
   PLCC4 3 in 1 RGB SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com