Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM4B Datasheet(PDF) 8 Page - Marktech Corporate

Part # CLM4B
Description  PLCC4 1-in-1 SMD LED
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM4B Datasheet(HTML) 8 Page - Marktech Corporate

  CLM4B Datasheet HTML 1Page - Marktech Corporate CLM4B Datasheet HTML 2Page - Marktech Corporate CLM4B Datasheet HTML 3Page - Marktech Corporate CLM4B Datasheet HTML 4Page - Marktech Corporate CLM4B Datasheet HTML 5Page - Marktech Corporate CLM4B Datasheet HTML 6Page - Marktech Corporate CLM4B Datasheet HTML 7Page - Marktech Corporate CLM4B Datasheet HTML 8Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
CLD-CT995.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Packaging
The boxes are not water-resistant, and they must be kept away from water and moisture.
The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
Cardboard boxes will be used to protect the LEDs from mechanical shocks during transportation.
The reel pack is applied in SMD LED.
Max 2000 pcs per reel.


Similar Part No. - CLM4B

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM4B-AKB-CWaXb263 CREE-CLM4B-AKB-CWaXb263 Datasheet
655Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-AKB-CWbXb353 CREE-CLM4B-AKB-CWbXb353 Datasheet
655Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-AKC CREE-CLM4B-AKC Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-AKC-CWbXb343 CREE-CLM4B-AKC-CWbXb343 Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
CLM4B-AKC-CWbXb353 CREE-CLM4B-AKC-CWbXb353 Datasheet
967Kb / 10P
   Cree짰 PLCC4 1 in 1 SMD LED
More results

Similar Description - CLM4B

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
CLM2B MARKTECH-CLM2B_15 Datasheet
484Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW MARKTECH-CLM4B-RKW_15 Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2C-GCA CREE-CLM2C-GCA Datasheet
801Kb / 8P
   PLCC4 1-in-1 SMD LED
CLM4B-BKB CREE-CLM4B-BKB Datasheet
844Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A-WKW CREE-CLA1A-WKW Datasheet
354Kb / 8P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLA1A MARKTECH-CLA1A Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
logo
Cree, Inc
CLM2D-RCC CREE-CLM2D-RCC Datasheet
800Kb / 8P
   PLCC4 1 in 1 SMD LED
CLM4B-RKW CREE-CLM4B-RKW Datasheet
280Kb / 6P
   PLCC4 1 in 1 SMD LED
logo
Marktech Corporate
CLM4B-RKW MARKTECH-CLM4B-RKW Datasheet
439Kb / 8P
   PLCC4 1 in 1 SMD LED
CLA1A MARKTECH-CLA1A_15 Datasheet
542Kb / 10P
   PLCC4 1 in 1 SMD LED
CLM4B MARKTECH-CLM4B_15 Datasheet
446Kb / 8P
   PLCC4 1-in-1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com