Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CLM3C Datasheet(PDF) 6 Page - Marktech Corporate

Part # CLM3C
Description  PLCC2 1 in 1 SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARKTECH [Marktech Corporate]
Direct Link  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

CLM3C Datasheet(HTML) 6 Page - Marktech Corporate

Back Button CLM3C Datasheet HTML 2Page - Marktech Corporate CLM3C Datasheet HTML 3Page - Marktech Corporate CLM3C Datasheet HTML 4Page - Marktech Corporate CLM3C Datasheet HTML 5Page - Marktech Corporate CLM3C Datasheet HTML 6Page - Marktech Corporate CLM3C Datasheet HTML 7Page - Marktech Corporate CLM3C Datasheet HTML 8Page - Marktech Corporate CLM3C Datasheet HTML 9Page - Marktech Corporate CLM3C Datasheet HTML 10Page - Marktech Corporate Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
6
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
6
Cree PLCC2 1 in 1 SMD LED
CLM3C-WKW/MKW
CIE CHROMATICITY DIAGRAM
Ww
Wv
Wu
Wt
Ma
Mb
Md
Mc
0.2300
0.2300
We
Wf
Wg
Wh
Wj
Wk
Wm
Wn
Wp
Wq
Ws
Wr
M3
Me
Mf
Mh
Mg
Mj
Mk
Mn
Mm
0.2900
0.3500
0.4100
x
0.4700
0.5300
0.2900
0.3500
0.4100
0.4700
0.5300
500
0K
3500K
3000K
2700K
2500K
4000K
0.1700
0.1700
Wc
Wd
Wa
Wb


Similar Part No. - CLM3C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM3C-AKW CREE-CLM3C-AKW Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CTbVa253 CREE-CLM3C-AKW-CTbVa253 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-AKW-CUbVa353 CREE-CLM3C-AKW-CUbVa353 Datasheet
745Kb / 8P
   Cree PLCC2 1-in-1 SMD LED
CLM3C-MKW CREE-CLM3C-MKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM3C-MKW-CWAXB133 CREE-CLM3C-MKW-CWAXB133 Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
More results

Similar Description - CLM3C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CLM1B-RKW CREE-CLM1B-RKW Datasheet
265Kb / 6P
   PLCC2 1 in 1 SMD LED
CLM3C-WKW CREE-CLM3C-WKW Datasheet
785Kb / 11P
   PLCC2 1 in 1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM3A MARKTECH-CLM3A_15 Datasheet
376Kb / 10P
   PLCC2 1-in-1 SMD LED
logo
Cree, Inc
CLM1B-BKW CREE-CLM1B-BKW Datasheet
261Kb / 6P
   PLCC2 1-in-1 SMD LED
CLM1S-WKW CREE-CLM1S-WKW Datasheet
527Kb / 9P
   PLCC2 1-in-1 SMD LED
logo
Marktech Corporate
CLM1B-BKW-GKW MARKTECH-CLM1B-BKW-GKW_15 Datasheet
421Kb / 8P
   PLCC2 1-in-1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW_15 Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
CLM3C MARKTECH-CLM3C_15 Datasheet
787Kb / 11P
   PLCC2 1 in 1 SMD LED
CLM1B-RKW-AKW MARKTECH-CLM1B-RKW-AKW Datasheet
424Kb / 8P
   PLCC2 1 in 1 SMD LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com