Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXTY1R4N120P Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTY1R4N120P
Description  N-Channel Enhancement Mode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTY1R4N120P Datasheet(HTML) 4 Page - IXYS Corporation

  IXTY1R4N120P Datasheet HTML 1Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 2Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 3Page - IXYS Corporation IXTY1R4N120P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTY1R4N120P IXTA1R4N120P
IXTP1R4N120P
Fig. 7. Transconductance
0
0.4
0.8
1.2
1.6
2
2.4
2.8
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Forward Voltage Drop of Intrinsic Diode
0
0.5
1
1.5
2
2.5
3
3.5
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0.85
0.9
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
4
8
12
16
20
24
QG - NanoCoulombs
VDS = 600V
I D = 0.7A
I G = 10mA
Fig. 10. Capacitance
1
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1 MHz
Ciss
Crss
Coss
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds
IXYS REF: IXT_1R4N120P (2C) 4-01-08-A


Similar Part No. - IXTY1R4N120P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXTY1R4N120P IXYS-IXTY1R4N120P Datasheet
309Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTY1R4N120P IXYS-IXTY1R4N120P Datasheet
368Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
logo
Inchange Semiconductor ...
IXTY1R4N120P ISC-IXTY1R4N120P Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
IXYS Corporation
IXTY1R4N120PHV IXYS-IXTY1R4N120PHV Datasheet
309Kb / 5P
   N-Channel Enhancement Mode Avalanche Rated
IXTY1R4N120PHV IXYS-IXTY1R4N120PHV Datasheet
368Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - IXTY1R4N120P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P2503NVG ETC1-P2503NVG Datasheet
594Kb / 8P
   N P-Channel Enhancement Mode Enhancement Mode
logo
IXYS Corporation
IXTQ110N10P IXYS-IXTQ110N10P Datasheet
578Kb / 5P
   N-Channel Enhancement Mode
logo
Advanced Power Electron...
AP2604Y A-POWER-AP2604Y Datasheet
78Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
AP9980H A-POWER-AP9980H Datasheet
79Kb / 4P
   N-CHANNEL ENHANCEMENT MODE
logo
Transys Electronics
IRF830 TRSYS-IRF830 Datasheet
282Kb / 3P
   N-CHANNEL ENHANCEMENT MODE
logo
Advanced Power Electron...
AP15N03P A-POWER-AP15N03P Datasheet
84Kb / 6P
   N-CHANNEL ENHANCEMENT MODE
logo
STMicroelectronics
STL4N10F7 STMICROELECTRONICS-STL4N10F7 Datasheet
897Kb / 14P
   N-channel enhancement mode
March 2014 Rev 4
STL20DN10F7 STMICROELECTRONICS-STL20DN10F7 Datasheet
900Kb / 14P
   N-channel enhancement mode
April 2014 Rev 3
logo
TY Semiconductor Co., L...
BSH105 TYSEMI-BSH105 Datasheet
40Kb / 2P
   N-channel enhancement mode
logo
Unisonic Technologies
UTD408 UTC-UTD408 Datasheet
201Kb / 5P
   N-CHANNEL ENHANCEMENT MODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com