Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK223 Datasheet(PDF) 5 Page - NEC

Part No. 3SK223
Description  RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo NEC - NEC

3SK223 Datasheet(HTML) 5 Page - NEC

  3SK223 Datasheet HTML 1Page - NEC 3SK223 Datasheet HTML 2Page - NEC 3SK223 Datasheet HTML 3Page - NEC 3SK223 Datasheet HTML 4Page - NEC 3SK223 Datasheet HTML 5Page - NEC 3SK223 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3SK223
5
GPS AND NF TEST CIRCUIT AT f = 470 MHz
VG2S
1 000 pF
22 k
1 000 pF
Ferrite Beads
40 pF OUTPUT
1 000 pF
15 pF
15 pF
1 000 pF
INPUT 40 pF
50
50
1 000 pF
L3
L2
L1
22 k
1 000 pF
VG1S
VDS
L1:
1.2 mm U.E.W
5 mm 1T
L2:
1.2 mm U.E.W
5 mm 1T
L3: REC 2.2 H
φ
φ
φ
φ
µ
NF TEST CIRCUIT AT f = 55 MHz
INPUT
50
3.3 k
27 pF
1 000 pF
1 500 pF
47 k
2.2 k
47 k
1 000 pF
27 pF
1 500 pF
VG1S
VG2S
VDS
RFC
Ferrite
Beads
OUTPUT
50
3.3 k


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn