Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK223 Datasheet(PDF) 3 Page - NEC

Part No. 3SK223
Description  RF AMPLIFIER FOR CATV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

3SK223 Datasheet(HTML) 3 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3SK223
3
TYPICAL CHARACTERISTICS (TA = 25
°C)
400
300
200
100
0
25
50
75
100
125
TOTAL POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TA – Ambient Temperature – °C
25
20
15
10
5
0
3
6
9
12
15
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS – Drain to Source Voltage – V
VG1S = 1.8 V
1.6 V
1.4 V
1.2 V
1.0 V
0.8 V
0.6 V
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
DRAIN CURRENT vs.
GATE1 TO SOURCE VOLTAGE
VG1S – Gate1 to Source Voltage – V
VDS = 6 V
VG2S = 3 V
VG2S = 3.5 V
3.0 V
2.5 V
2.0 V
1.5 V
1.0 V
40
32
24
16
8
0
0.5
1.0
1.5
2.0
2.5
FORWARD TRANSFER ADMITTANCE vs.
GATE1 TO SOURCE VOLTAGE
VG1S – Gate1 to Source Voltage – V
VDS = 6 V
f = 1 kHz
VG2S = 3.5 V
3.0 V
2.5 V
2.0 V
1.5 V
1.0 V
0.5 V
40
32
24
16
8
0
4
8
12
16
20
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
ID – Drain Current – mA
VDS = 6 V
f = 1 kHz
5.0
4.0
3.0
2.0
1.0
0
0
1.0
2.0
3.0
4.0
INPUT CAPACITANCE vs.
GATE2 TO SOURCE VOLTAGE
VG2S – Gate2 to Source Voltage – V
ID = 10 mA
(at VDS = 6 V
VG2S = 3 V)
f = 1 MHz
–1.0
VG2S = 3.5 V
3.0 V
2.5 V
2.0 V
1.5 V
1.0 V


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn