Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S022 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADC128S022
Description  ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S022 Datasheet(HTML) 1 Page - Texas Instruments

  ADC128S022 Datasheet HTML 1Page - Texas Instruments ADC128S022 Datasheet HTML 2Page - Texas Instruments ADC128S022 Datasheet HTML 3Page - Texas Instruments ADC128S022 Datasheet HTML 4Page - Texas Instruments ADC128S022 Datasheet HTML 5Page - Texas Instruments ADC128S022 Datasheet HTML 6Page - Texas Instruments ADC128S022 Datasheet HTML 7Page - Texas Instruments ADC128S022 Datasheet HTML 8Page - Texas Instruments ADC128S022 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC128S022
ADC128S022
www.ti.com
SNAS334E – AUGUST 2005 – REVISED MARCH 2013
ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Check for Samples: ADC128S022
1
FEATURES
DESCRIPTION
The ADC128S022 is a low-power, eight-channel
23
Eight Input Channels
CMOS 12-bit analog-to-digital converter specified for
Variable Power Management
conversion throughput rates of 50 ksps to 200 ksps.
Independent Analog and Digital Supplies
The
converter
is
based
on
a
successive-
approximation register architecture with an internal
SPI™/QSPI™/MICROWIRE™/DSP Compatible
track-and-hold circuit. It can be configured to accept
Packaged in 16-lead TSSOP
up to eight input signals at inputs IN0 through IN7.
The output serial data is straight binary and is
APPLICATIONS
compatible with several standards, such as SPI™,
Automotive Navigation
QSPI, MICROWIRE, and many common DSP serial
Portable Systems
interfaces.
Medical Instruments
The ADC128S022 may be operated with independent
Mobile Communications
analog and digital supplies. The analog supply (VA)
can range from +2.7V to +5.25V, and the digital
Instrumentation and Control Systems
supply (VD) can range from +2.7V to VA. Normal
power consumption using a +3V or +5V supply is 1.2
KEY SPECIFICATIONS
mW and 7.5 mW, respectively. The power-down
Conversion Rate: 50 ksps to 200ksps
feature reduces the power consumption to 0.06 µW
using a +3V supply and 0.25 µW using a +5V supply.
DNL (VA = VD = 5.0 V): +1.0 / −0.7 LSB (max)
The ADC128S022 is packaged in a 16-lead TSSOP
INL (VA = VD = 5.0 V): ±1.0 LSB (max)
package. Operation over the extended industrial
Power Consumption
temperature range of
−40°C to +105°C is ensured.
3V Supply: 1.2 mW (typ)
5V Supply: 7.5 mW (typ)
Connection Diagram
Figure 1. TSSOP
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola, Inc..
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2005–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ADC128S022

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT NSC-ADC128S022CIMT Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT TI1-ADC128S022CIMT Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_15 Datasheet
1Mb / 29P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com