Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBL08 Datasheet(PDF) 1 Page - General Semiconductor

Part # KBL08
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

KBL08 Datasheet(HTML) 1 Page - General Semiconductor

  KBL08 Datasheet HTML 1Page - General Semiconductor KBL08 Datasheet HTML 2Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4/98
KBL005 THRU KBL10
SINGLE-PHASE BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 4.0 Amperes
FEATURES
♦ Plastic material has Underwriters Laboratory Flammability
Classification 94V-0
♦This series is UL listed under the Recognized Component
Index, file number E54214
♦ High case dielectric
strength of 1500 VRMS
♦ Ideal for printed circuit boards
♦ High forward surge current capability
♦ High surge current capability
♦ High temperature soldering guaranteed:
250°C/10 seconds, 0.375" (9.5mm) lead length,
5lbs. (2.3kg) tension
MECHANICAL DATA
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Mounting Position: Any
Weight: 0.2 ounce, 5.6 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.
KBL
KBL
KBL
KBL
KBL
KBL
KBL
SYMBOLS
005
01
02
04
06
08
10
UNITS
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
Volts
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
Volts
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
Volts
Maximum average forward output
current at TA=50°C
I(AV)
4.0
Amps
Peak forward surge current single half sine-wave super-
imposed on rated load (JEDEC Method) TJ=150°C
IFSM
200.0
Amps
Maximum instantaneous forward voltage drop
per leg at 4.0A
VF
1.1
Volts
Maximum DC reverse current
TA=25°C
5.0
µA
at rated DC blocking voltage per leg
TA=125°C
IR
1.0
mA
Typical thermal resistance per leg (NOTE 1)
R
ΘJA
19.0
°C/W
(NOTE 2)
R
ΘJL
2.4
Operating junction and storage temperature range
TJ, TSTG
-50 to +150
°C
NOTES:
(1) Thermal resistance from junction to ambient with units mounted on 3.0 x 3.0 x 0.11” thick (7.5 x 7.5 x 0.3cm) Al. plate
(2) Thermal resistance from junction to lead with units mounted on P.C.B. at 0.375" (9.5mm) lead length and 0.5 x 0.5" (12 x 12mm) copper pads
0.755 (19.18)
0.745 (18.92)
0.052 (1.32)
0.048 (1.22)
0.220 (5.59)
0.180 (4.57)
0.081 (2.06)
0.085 (2.18)
0.255 (6.48)
0.245 (6.22)
DIA.
1.1
(27.94)
MIN.
0.630 (16.0)
0.620 (15.75)
1.0
(25.4)
MIN.
Case Style KBL
Dimensions in inches and (millimeters)


Similar Part No. - KBL08

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBL08 SEMTECH-KBL08 Datasheet
128Kb / 2P
   4.0A SINGLE - PHASE SILICON BRIDGE
logo
Galaxy Semi-Conductor H...
KBL08 BILIN-KBL08 Datasheet
137Kb / 3P
   Silicon Bridge Rectifiers
logo
Vishay Siliconix
KBL08 VISHAY-KBL08 Datasheet
102Kb / 4P
   Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
SynSemi, Inc.
KBL08 SYNSEMI-KBL08 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Shanghai Lunsure Electr...
KBL08 CHENYI-KBL08 Datasheet
155Kb / 2P
   SINGLE PHASE GLASS BRIDGE RECTIFIER
More results

Similar Description - KBL08

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com