Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK222 Datasheet(PDF) 2 Page - NEC

Part No. 3SK222
Description  RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

3SK222 Datasheet(HTML) 2 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
3SK222
2
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Drain to Source Breakdown
BVDSX
18
V
VG1S = VG2S = –2 V, ID = 10
µA
Voltage
Drain Current
IDSX
0.01
8.0
mA
VDS = 6 V, VG2S = 3 V, VG1S = 0.75 V
Gate1 to Source Cutoff
VG1S(off)
0
+1.0
V
VDS = 6 V, VG2S = 3 V, ID = 10
µA
Voltage
Gate2 to Source Cutoff
VG2S(off)
0
+1.0
V
VDS = 6 V, VG2S = 3 V, ID = 10
µA
Voltage
Gate1 Reverse Current
IG1SS
±20
nA
VDS = 0, VG2S = 0, VG1S =
±8 V
Gate2 Reverse Current
IG2SS
±20
nA
VDS = 0, VG1S = 0, VG2S =
±8 V
Forward Transfer
|yfs|
15
19.5
mS
VDS = 5 V, VG2S = 4 V, ID = 10 mA
Admittance
f = 1 kHz
Input Capacitance
Ciss
3.6
4.3
5.0
pF
Output Capacitance
CDSS
1.0
1.5
2.0
pF
Reverse Transfer
Crss
0.02
0.03
pF
Capacitance
Power Gain
GPS
21.0
23.0
dB
Noise Figure 1
NF1
1.2
2.0
dB
Noise Figure 2
NF2
1.0
2.0
dB
VDS = 6 V, VG2S = 4 V, ID = 10 mA
f = 55 MHz
IDSX Classification
Class
V21/VBA*
V22/VBB*
Marking
V21
V22
IDSX (mA)
0.01 to 3.0
1.0 to 8.0
* Old specification/New specification
VDS = 6 V, VG2S = 3 V, ID = 10 mA
f = 1 MHz
VDS = 6 V, VG2S = 4 V, ID = 10 mA
f = 200 MHz


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn