Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3SK222 Datasheet(PDF) 4 Page - NEC

Part No. 3SK222
Description  RF AMPLIFIER FOR FM TUNER AND VHF TV TUNER N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR 4 PINS MINI MOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

3SK222 Datasheet(HTML) 4 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3SK222
4
2.5
2.0
1.5
1.0
0.5
0
0
1.0
2.0
3.0
4.0
OUTPUT CAPACITANCE vs.
GATE2 TO SOURCE VOLTAGE
VG2S – Gate2 to Source Voltage – V
ID = 10 mA
(at VDS = 6 V
VG2S = 4 V)
f = 1 MHz
–1.0
20
10
0
–10
–20
0
2.0
4.0
6.0
8.0
POWER GAIN AND NOISE FIGURE vs.
GATE2 TO SOURCE VOLTAGE
VG2S – Gate2 to Source Voltage – V
ID = 10 mA
(at VDS = 6 V
VG2S = 4 V)
f = 200 MHz
–2.0
GPS
NF
10
5
0


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn