Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS3VH861 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDTQS3VH861
Description  QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS3VH861 Datasheet(HTML) 7 Page - Integrated Device Technology

  IDTQS3VH861 Datasheet HTML 1Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 2Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 3Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 4Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 5Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 6Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 7Page - Integrated Device Technology IDTQS3VH861 Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
INDUSTRIAL TEMPERATURE RANGE
IDTQS3VH861
2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
TEST CIRCUITS AND WAVEFORMS
Open
VLOAD
GND
VCC
Pulse
Generator
D.U.T.
500
Ω
500
Ω
CL
RT
VIN
VOUT
(1, 2)
SAME PHASE
INPUT TRANSITION
OPPOSITE PHASE
INPUT TRANSITION
0V
0V
VOH
VOL
tPLH
tPHL
tPHL
tPLH
OUTPUT
VIH
VT
VT
VIH
VT
CONTROL
INPUT
tPLZ
0V
OUTPUT
NORMALLY
LOW
tPZH
0V
SWITCH
CLOSED
OUTPUT
NORMALLY
HIGH
ENABLE
DISABLE
SWITCH
OPEN
tPHZ
0V
VOL + VLZ
VOH
VT
VT
tPZL
VLOAD/2
VLOAD/2
VIH
VT
VOL
VOH -VHZ
TEST CONDITIONS
Symbol
VCC(1)= 3.3V ± 0.3V
VCC(2)= 2.5V ± 0.2V
Unit
VLOAD
6
2 x Vcc
V
VIH
3
Vcc
V
VT
1.5
VCC/2
V
VLZ
300
150
mV
VHZ
300
150
mV
CL
50
30
pF
NOTE:
1. Diagram shown for input Control Enable-LOW and input Control Disable-HIGH.
NOTES:
1. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2.5ns; tR ≤ 2.5ns.
2. Pulse Generator for All Pulses: Rate
≤ 10MHz; tF ≤ 2ns; tR ≤ 2ns.
DEFINITIONS:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse Generator.
SWITCH POSITION
Test
Switch
tPLZ/tPZL
VLOAD
tPHZ/tPZH
GND
tPD
Open
Propagation Delay
Test Circuits for All Outputs
Enable and Disable Times


Similar Part No. - IDTQS3VH861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS3VH861 IDT-IDTQS3VH861 Datasheet
70Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS3VH861 RENESAS-IDTQS3VH861 Datasheet
440Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
logo
Integrated Device Techn...
IDTQS3VH861PA IDT-IDTQS3VH861PA Datasheet
70Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
IDTQS3VH861Q IDT-IDTQS3VH861Q Datasheet
70Kb / 8P
   QUICKSWITCH PRODUCTS 2.5V / 3.3V 10-BIT FLOWTHROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS3VH861

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
QS3126S1G IDT-QS3126S1G Datasheet
214Kb / 5P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
IDTQS3VH2861 IDT-IDTQS3VH2861 Datasheet
76Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH861 RENESAS-IDTQS3VH861 Datasheet
440Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
FEBRUARY 2014
IDTQS3VH2861 RENESAS-IDTQS3VH2861 Datasheet
447Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
FEBRUARY 2014
logo
List of Unclassifed Man...
QS3VH2861 ETC-QS3VH2861 Datasheet
65Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Integrated Device Techn...
IDTQS3VH2861 IDT-IDTQS3VH2861_14 Datasheet
276Kb / 8P
   2.5V / 3.3V 10-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH SWITCH
logo
Renesas Technology Corp
IDTQS3VH16861 RENESAS-IDTQS3VH16861 Datasheet
451Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V/ 3.3V 20-BIT FLOW-THROUGH PIN OUT, HIGH BANDWIDTH BUS SWITCH
JUNE 2013
logo
Integrated Device Techn...
IDTQS34XVH245Q3G IDT-IDTQS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH245Q2G8 IDT-IDTQS32XVH245Q2G8 Datasheet
266Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
QS34XVH245Q3G IDT-QS34XVH245Q3G Datasheet
268Kb / 8P
   QUICKSWITCH짰 PRODUCTS 2.5V / 3.3V 32-BIT HIGH BANDWIDTH BUS SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com