Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADS807 Datasheet(PDF) 8 Page - Texas Instruments

Part No. ADS807
Description  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI1 [Texas Instruments]
Homepage  http://www.ti.com
Logo 

ADS807 Datasheet(HTML) 8 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
ADS807
8
SBAS072A
www.ti.com
DIFFERENTIAL LINEARITY ERROR
(Single-Ended, Input Sampling Frequency = 40MHz)
Output Codes
1.000
0.500
0
–0.500
–1.000
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
(Sampling Frequency = 40MHz)
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
DIFFERENTIAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 10MHz
INTEGRAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
0
1024
2048
3072
4096
f
IN = 1MHz
DIFFERENTIAL LINEARITY ERROR
Output Codes
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
1024
0
2048
3072
4096
f
IN = 1MHz
TYPICAL CHARACTERISTICS (Cont.)
At TA = full specified temperature range, differential input range = 2V to 3V, sampling rate = 50MHz, and internal reference, unless otherwise noted.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn